Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1317 Datasheet (PDF) - Analog Devices

AD1317 Datasheet PDF - Analog Devices
Part # AD1317
Download  AD1317 Download
File Size   286.83 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Speed Window Comparator with Latch

AD1317 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1317 Datasheet PDF - Analog Devices

Part # AD1317
Download  AD1317 Click to download

File Size   286.83 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Speed Window Comparator with Latch

AD1317 Datasheet (HTML) - Analog Devices


AD1317 Product details

PRODUCT DESCRIPTION
The AD1317 is an ultrahigh speed window comparator with a latch. It uses a high speed monolithic process to provide high dc accuracy without sacrificing input voltage range. The AD1317 guarantees a 2.8 ns maximum propagation delay.

FEATURES
    Full Window Comparator
    2.0 pF max Input Capacitance
    9 V max Differential Input Voltage
    2.5 ns Propagation Delays
    Low Dispersion
    Low Input Bias Current
    Independent Latch Function
    Input Inhibit Mode
    80 dB CMRR

APPLICATIONS
    High Speed Pin Electronic Receiver
    High Speed Triggers
    Threshold Detectors
    Peak Detectors




Similar Part No. - AD1317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD131 ETC1-AD131 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
High Speed Active Load with Inhibit Mode
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
More results


Similar Description - AD1317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
High Speed Window Comparator
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
Window Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
Window Comparator With Independent Adjustments
April 1998
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
Window 4ns High-Speed Comparator
January 18, 2002
logo
Linear Technology
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
Window Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
logo
Linear Technology
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
Window Comparator
logo
Analog Devices
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
High Speed, 10 GHz Window Comparator
4/2018-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com