Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53042 Datasheet (PDF) - Analog Devices

AD53042 Datasheet PDF - Analog Devices
Part # AD53042
Download  AD53042 Download
File Size   70.04 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Window Comparator

AD53042 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD53042 Datasheet PDF - Analog Devices

Part # AD53042
Download  AD53042 Click to download

File Size   70.04 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Window Comparator

AD53042 Datasheet (HTML) - Analog Devices


AD53042 Product details

PRODUCT DESCRIPTION
The AD53042 is an ultrahigh speed window comparator with latch. It uses a high speed monolithic process to provide high dc accuracy without sacrificing input voltage range. On-chip connection of the common input eliminates the contributions of a second bonding pad and package pin to the input capacitance, resulting in a maximum input capacitance of 2 pF.

FEATURES
   –2 V to +7 V Input Voltage Range
   Low VIN Bias Current (<100 nA)
   Up to 5 V/ns Input Signal Tracking
   Low Dispersion of ±100 ps
   28-Lead PLCC Package

APPLICATIONS
   Automatic Test Equipment
   Semiconductor Test Systems
   Board Test Systems




Similar Part No. - AD53042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
More results


Similar Description - AD53042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1317 AD-AD1317 Datasheet
286Kb / 12P
Ultrahigh Speed Window Comparator with Latch
REV.A
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
Window Comparator
logo
Intersil Corporation
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
Window 4ns High-Speed Comparator
January 18, 2002
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
High Speed Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
Window Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
logo
Linear Technology
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
Window Comparator
logo
Analog Devices
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
High Speed, 10 GHz Window Comparator
4/2018-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com