Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1876 Datasheet (PDF) - Analog Devices

AD1876 Datasheet PDF - Analog Devices
Part # AD1876
Download  AD1876 Download
File Size   190.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 100 kSPS Sampling ADC

AD1876 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1876 Datasheet PDF - Analog Devices

Part # AD1876
Download  AD1876 Click to download

File Size   190.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 100 kSPS Sampling ADC

AD1876 Datasheet (HTML) - Analog Devices


AD1876 Product details

PRODUCT DESCRIPTION

The AD1876 is a 16-bit serial output sampling A/D converter which uses a switched capacitor/charge redistribution architecture to achieve a 100 kSPS conversion rate (10 µs total conversion time). Overall performance is optimized by digitally correcting internal nonlinearities through on-chip autocalibration. The circuitry of the AD1876 is partitioned onto two monolithic chips, a digital control chip fabricated with Analog Devices’ DSP CMOS process and an analog ADC chip fabricated with the BiMOS II process. Both chips are contained in a single package.



FEATURES

Autocalibrating

0.002% THD

90 dB S/(N+D)

1 MHz Full Power Bandwidth

On-Chip Sample & Hold Function

23 Oversampling for Audio Applications

16-Pin DIP Package

Serial Twos Complement Output Format

Low Input Capacitance–typ 50 pF

AGND Sense for Improved Noise Immunity




Similar Part No. - AD1876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
16-Bit 100 kSPS Sampling ADC
REV. A
More results


Similar Description - AD1876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD676 AD-AD676 Datasheet
388Kb / 16P
16-Bit 100 kSPS Sampling ADC
AD677 AD-AD677 Datasheet
427Kb / 16P
16-Bit 100 kSPS Sampling ADC
AD676JN AD-AD676JN Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676KN AD-AD676KN Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
AD677 AD-AD677_17 Datasheet
461Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
100 kSps, 16-bit ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com