Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1876 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1876
Description  16-Bit 100 kSPS Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1876 Datasheet(HTML) 2 Page - Analog Devices

  AD1876 Datasheet HTML 1Page - Analog Devices AD1876 Datasheet HTML 2Page - Analog Devices AD1876 Datasheet HTML 3Page - Analog Devices AD1876 Datasheet HTML 4Page - Analog Devices AD1876 Datasheet HTML 5Page - Analog Devices AD1876 Datasheet HTML 6Page - Analog Devices AD1876 Datasheet HTML 7Page - Analog Devices AD1876 Datasheet HTML 8Page - Analog Devices AD1876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD1876–SPECIFICATIONS
AD1876J
Parameter
Min
Typ
Max
Units
TEMPERATURE RANGE
0
70
°C
TOTAL HARMONIC DISTORTION (THD)
2
–0.05 dB Input
–95
–88
dB
0.002
0.004
%
–20 dB Input
–78
dB
0.01
%
–60 dB Input
–40
dB
1.0
%
D-RANGE, –60 dB, A-WEIGHTED
92
dB
SIGNAL-TO-NOISE AND DISTORTION (S/(N+D)) RATIO
3
–0.05 dB Input, A-Weighted
92
dB
–0.05 dB Input, 48 kHz Bandwidth
83
90
dB
–20 dB Input, A-Weighted
73
dB
–20 dB Input, 48 kHz Bandwidth
70
dB
–60 dB Input, A-Weighted
34
dB
–60 dB Input, 48 kHz Bandwidth
31
dB
PEAK SPURIOUS OR PEAK HARMONIC COMPONENT
–99
–89
dB
INTERMODULATION DISTORTION (IMD)
4
2nd Order Products
–102
dB
3rd Order Products
–98
dB
FULL POWER BANDWIDTH
1
MHz
VOLTAGE REFERENCE INPUT RANGE
5 (V
REF)3
5
10.0
V
ANALOG INPUT
6
Input Range (VIN)
±V
REF
V
Input Impedance
*
Input Capacitance During Sample
50*
pF
Aperture Delay
6ns
Aperture Jitter
100
ps
POWER SUPPLIES
Operating Current
ICC
912
mA
IEE
912
mA
IDD
312
mA
Power Consumption
235
350
mW
NOTES
1V
REF = 5.00 V; conversion rate = 96 kSPS; f IN = 1.06 kHz; VIN = –0.05 dB unless otherwise noted. All measurements referred to a 0 dB (10 V p-p) input signal.
Values are post calibration.
2Includes first 19 harmonics.
3Minimum value of S/(N+D) corresponds to 5.0 V reference; typical values of S/(N+D) correspond to 10.0 V reference.
4f
a = 1008 Hz; fb = 1055 Hz. See Definition of Specifications section and Figure 14.
5See Applications section for recommended voltage reference circuit and Figure 11 for performance with other reference voltage values.
6See Applications section for recommended input buffer circuit.
*For explanation of input characteristics, see “Analog Input” section.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all devices at final electrical test at worst case temperature. Results from those tests are used to calculate outgoing
quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested.
REV. A
–2–
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
1
ORDERING GUIDE
Temperature
THD
Package
Package
Model
Range
dB
Description
Option*
AD1876JN
0
°C to +70°C
–95
Plastic 16-Pin DIP
N-16
*N = Narrow Plastic DIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com