Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1877 Datasheet (PDF) - Analog Devices

AD1877 Datasheet PDF - Analog Devices
Part # AD1877
Download  AD1877 Download
File Size   253.49 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply 16-Bit Stereo ADC

AD1877 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1877 Datasheet PDF - Analog Devices

Part # AD1877
Download  AD1877 Click to download

File Size   253.49 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply 16-Bit Stereo ADC

AD1877 Datasheet (HTML) - Analog Devices


AD1877 Product details

PRODUCT OVERVIEW

The AD1877 is a stereo, 16-bit oversampling ADC based on Sigma Delta (∑∆) technology intended primarily for digital audio bandwidth applications requiring a single 5 V power supply. Each single-ended channel consists of a fourth-order one-bit noise shaping modulator and a digital decimation filter. An on chip voltage reference, stable over temperature and time, defines the full-scale range for both channels. Digital output data from both channels are time-multiplexed to a single, flexible serial interface. The AD1877 accepts a 256 × FS or a 384 × FS input clock (FS is the sampling frequency) and operates in both serial port “master” and “slave” modes. In slave mode, all clocks must be externally derived from a common source.



FEATURES

  Single 5 V Power Supply

  Single-Ended Dual-Channel Analog Inputs

  92 dB (Typ) Dynamic Range

  90 dB (Typ) S/(THD+N)

  0.006 dB Decimator Passband Ripple

  Fourth-Order, 64-Times Oversampling ΣΔ Modulator

  Three-Stage, Linear-Phase Decimator

  256 X FS or 384 X FS Input Clock

  Less than 100 μW (Typ) Power-Down Mode

  Input Overrange Indication

  On-Chip Voltage Reference

  Flexible Serial Output Interface

  28-Lead SOIC Package



APPLICATIONS

  Consumer Digital Audio Receivers

  Digital Audio Recorders, Including Portables CD-R, DCC, MD and DAT

  Multimedia and Consumer Electronic Equipment

  Sampling Music Synthesizers

  Digital Karaoke Systems



 




Similar Part No. - AD1877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
More results


Similar Description - AD1877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
PLL & MIC-AMP 16-Bit Stereo ADC
logo
Analog Devices
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
Single-Supply 16-Bit Stereo ADC
6/02-Data Sheet changed from REV. 0 to REV. A.
logo
Linear Technology
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com