Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1878 Datasheet (PDF) - Analog Devices

AD1878 Datasheet PDF - Analog Devices
Part # AD1878
Download  AD1878 Download
File Size   628.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 16-/18-Bit Stereo ADCs

AD1878 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1878 Datasheet PDF - Analog Devices

Part # AD1878
Download  AD1878 Click to download

File Size   628.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 16-/18-Bit Stereo ADCs

AD1878 Datasheet (HTML) - Analog Devices


AD1878 Product details

PRODUCT OVERVIEW
The AD1879 is a two-channel, 18-bit oversampling ADC based on ∑∆ technology and intended primarily for digital audio applications. The AD1878 is identical to the 18-bit AD1879 except that it outputs 16-bit data words. Statements in this data sheet should be read as applying to both parts unless otherwise noted.

FEATURES
    Fully Differential Dual Channel Analog Inputs
    103 dB Signal-to-Noise (AD1879 typ)
    –98 dB THD+N (AD1879 typ)
    0.001 dB Passband Ripple and 115 dB Stopband Attenuation
    Fifth-Order, 64 Times Oversampling ΣΔ Modulator
    Single Stage, Linear Phase Decimator
    256 x FS Input Clock

APPLICATIONS
    Digital Tape Recorders Professional, DCC, and DAT
    A/V Digital Amplifiers
    CD-R
    Sound Reinforcement




Similar Part No. - AD1878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1870 AD-AD1870 Datasheet
272Kb / 20P
Single-Supply 16-Bit Stereo ADC
6/02-Data Sheet changed from REV. 0 to REV. A.
AD1870AR AD-AD1870AR Datasheet
272Kb / 20P
Single-Supply 16-Bit Stereo ADC
6/02-Data Sheet changed from REV. 0 to REV. A.
AD1870AR-REEL AD-AD1870AR-REEL Datasheet
272Kb / 20P
Single-Supply 16-Bit Stereo ADC
6/02-Data Sheet changed from REV. 0 to REV. A.
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
More results


Similar Description - AD1878

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
Stereo high performance 16-bit DAC
February 1991
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
24-bit, High Performance 192kHz Stereo DAC
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
LC2MOS 16-Bit, High Speed Sampling ADCs
REV.C
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
WM8788 WOLFSON-WM8788 Datasheet
312Kb / 22P
High Performance 24-bit Stereo ADC
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
16-/18-Bit, Octal 200ksps SAR ADCs
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com