Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41020 Datasheet (PDF) - Analog Devices

ADF41020 Datasheet PDF - Analog Devices
Part # ADF41020
Download  ADF41020 Download
File Size   352.76 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.

ADF41020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF41020 Datasheet PDF - Analog Devices

Part # ADF41020
Download  ADF41020 Click to download

File Size   352.76 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.

ADF41020 Datasheet (HTML) - Analog Devices


ADF41020 Product details

GENERAL DESCRIPTION
The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters. It consists of a low noise, digital phase frequency detector (PFD), a precision charge pump, a programmable reference divider, and high frequency programmable feedback dividers (A, B, and P). A complete phase-locked loop (PLL) can be implemented if the synthesizer is used with an external loop filter and voltage controlled oscillator (VCO).

FEATURES
   18 GHz maximum RF input frequency
   Integrated SiGe prescaler
   Software compatible with the ADF4106/ADF4107/ADF4108
      family of PLLs
   2.85 V to 3.15 V PLL power supply
   Programmable dual-modulus prescaler
      8/9, 16/17, 32/33, 64/65
   Programmable charge pump currents
   3-wire serial interface
   Digital lock detect
   Hardware and software power-down mode
   4000 V HBM/1500 V CDM ESD performance

APPLICATIONS
   Microwave point-to-point/multipoint radios
   Wireless infrastructure
   VSAT radios
   Test equipment
   Instrumentation




Similar Part No. - ADF41020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41020 AD-ADF41020 Datasheet
360Kb / 16P
18 GHz Microwave PLL Synthesizer
12/14-Rev. B to Rev. C
ADF41020BCPZ AD-ADF41020BCPZ Datasheet
360Kb / 16P
18 GHz Microwave PLL Synthesizer
12/14-Rev. B to Rev. C
ADF41020BCPZ-RL7 AD-ADF41020BCPZ-RL7 Datasheet
360Kb / 16P
18 GHz Microwave PLL Synthesizer
12/14-Rev. B to Rev. C
ADF41020 AD-ADF41020_14 Datasheet
360Kb / 16P
18 GHz Microwave PLL Synthesizer
12/14-Rev. B to Rev. C
More results


Similar Description - ADF41020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8911 NSC-DS8911 Datasheet
182Kb / 10P
Sound Up-Conversion Frequency Synthesizer
logo
Omron Electronics LLC
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM9024 HMSEMI-HM9024 Datasheet
595Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com