Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX62 Datasheet (PDF) - Hirose Electric

ZX62 Datasheet PDF - Hirose Electric
Part # ZX62
Download  ZX62 Download
File Size   847.65 Kbytes
Page   20 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Micro-USB connectors meeting requirements of USB 2.0 Standard

ZX62 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX62 Datasheet PDF - Hirose Electric

Part # ZX62
Download  ZX62 Click to download

File Size   847.65 Kbytes
Page   20 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Micro-USB connectors meeting requirements of USB 2.0 Standard

ZX62 Datasheet (HTML) - Hirose Electric


ZX62 Product details

■Overview
Extremely small high reliability connectors complying with physical, electrical and environmental requirements of Micro-USB standard (USB 2.0). Receptacles and plugs are available in a wide variety of mounting and termination configurations, permitting their use in various applications.

■Features
1. Size reduction
Compared with the standard Mini-B connectors, the size of ZX connectors is reduced by approximately 60% while still allowing a high-speed data transfer of 480 Mbps, specified in USB 2.0.
2. Receptacle styles
Two interface configurations: Micro-B and Micro-AB in standard, mid-mount and reverse mounting styles.
SMT and through-hole (shell) PC board terminations
3. Plug styles
Corresponding to the receptacle styles, two interface configurations:
Micro-B and Micro-A, with direct wire or PCB wire soldering.
Several plug styles can be used for data transmission, earphone or charging applications.
4. High durability
Unique contact and lock configuration assures high durability while maintaining easy insertion / disconnection. Fully mated condition (when mated with corresponding HRS connector) is confirmed by a
definite tactile sensation
5. RoHS compliant
All components and materials comply with the requirements of EU directive 20/95/EC

■Applications
Mobile phones, PDA, portable music players, digital cameras, digital camcorders and other applications requiring high reliability Micro-B interface connectors.




Similar Part No. - ZX62

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX62 DIOTEC-ZX62 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZX62 DIOTEC-ZX62 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX62 NJSEMI-ZX62 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
Hirose Electric
ZX62-AB-5P HIROSE-ZX62-AB-5P Datasheet
170Kb / 1P
None
ZX62-AB-5PA HIROSE-ZX62-AB-5PA Datasheet
1Mb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
More results


Similar Description - ZX62

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
Meet requirements of USB 2.0
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
Samtec, Inc
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
STANDARD & RUGGED USB 2.0
logo
Hirose Electric
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
USB 2.0 Compatible Micro Connectors
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
USB 2.0 Standard Connectors
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
Micro-USB connectors meeting USB 2.0 Standard
2017.12
logo
Samtec, Inc
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
STANDARD & RUGGED USB 2.0
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
Micro USB 2.0 Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com