Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX62 Datasheet (PDF) - Diotec Semiconductor

ZX62 Datasheet PDF - Diotec Semiconductor
Part # ZX62
Download  ZX62 Download
File Size   112.48 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power-Z-Diodes (non-planar technology)

ZX62 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX62 Datasheet PDF - Diotec Semiconductor

Part # ZX62
Download  ZX62 Click to download

File Size   112.48 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power-Z-Diodes (non-planar technology)

ZX62 Datasheet (HTML) - Diotec Semiconductor


ZX62 Product details

Silicon-Power-Z-Diodes (non-planar technology)

• Maximum power dissipation           12.5 W
• Nominal Z-voltage                   10 ... 200 V
• Metal case                                         DO-4
• Weight approx.                                   5.5 g
• Standard polarity: Cathode to stud
• Index R: Anode to stud
• Standard packaging: bulk




Similar Part No. - ZX62

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX62 DIOTEC-ZX62 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
New Jersey Semi-Conduct...
ZX62 NJSEMI-ZX62 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
Hirose Electric
ZX62-AB-5P HIROSE-ZX62-AB-5P Datasheet
170Kb / 1P
None
ZX62-AB-5PA HIROSE-ZX62-AB-5PA Datasheet
847Kb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
More results


Similar Description - ZX62

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B Datasheet
93Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
BZV58C8V2 DIOTEC-BZV58C8V2 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
Silicon-Power-Zener Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B Datasheet
84Kb / 2P
Silicon Power Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_15 Datasheet
142Kb / 3P
Silicon-Power-Zener Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
Silicon Power Z-Diodes (non-planar technology)
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com