Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX62 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZX62
Description  Silicon-Power-Z-Diodes (non-planar technology)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZX62 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZX62 Datasheet HTML 1Page - Diotec Semiconductor ZX62 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses – Gemessen mit Impulsen
2) Without cooling fin – Ohne Kühlblech
3) Valid if mounted on vertical cooling fin 150 cm2 – Gülitg bei Montage auf senkrecht stehendem Kühlblech 150 cm2
2
ZX 3.9 ... ZX 200 (12.5 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 1)
Zener-Spanng.1)
I
Z = IZtest
V
Zmin [V] VZmax
Test
current
Meßstrom
I
Ztest [mA]
Dyn. resistance
Diff. Widerst.
I
ztest / 1 kHz
r
zj [
S]
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
"
VZ [10
-4/
/C]
Reverse volt.
Sperrspanng.
I
R = 100 nA
V
R [V]
Max. Z-current
Max. Z-Strom
T
A = 50
/C
I
Z
2) [mA] I
Z
3)
ZX 3.9
3.7
4.1
100
3.8 (<7)
–7…+2
–
340
2700
ZX 4.3
4.0
4.6
100
3.8 (<7)
–7…+3
–
305
2400
ZX 4.7
4.4
5.0
100
3 (<6)
–7…+4
–
280
2250
ZX 5.1
4.8
5.4
100
2 (<5)
–6…+5
–
260
2000
ZX 5.6
5.2
6.0
100
1 (<3)
–3…+5
> 1.5
230
1800
ZX 6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
210
1700
ZX 6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
195
1550
ZX 7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
175
1400
ZX 8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
160
1250
ZX 9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
145
1150
ZX 10
9.4
10.6
50
2 (<4)
+5…+9
> 5
130
1050
ZX 11
10.4
11.6
50
3 (<6)
+5…+10
> 5
120
970
ZX 12
11.4
12.7
50
4 (<7)
+5…+10
> 7
110
880
ZX 13
12.4
14.1
50
5 (<9)
+5…+10
> 7
100
790
ZX 15
13.8
15.6
50
5 (<10)
+5…+10
> 10
90
720
ZX 16
15.3
17.1
25
6 (<12)
+6…+11
> 10
82
650
ZX 18
16.8
19.1
25
6 (<15)
+6…+11
> 10
74
580
ZX 20
18.8
21.2
25
6 (<15)
+6…+11
> 10
66
530
ZX 22
20.8
23.3
25
6 (<15)
+6…+11
> 12
60
480
ZX 24
22.8
25.6
25
7 (<15)
+6…+11
> 12
55
430
ZX 27
25.1
28.9
25
7 (<15)
+6…+11
> 14
49
380
ZX 30
28
32
25
8 (<15)
+6…+11
> 14
44
350
ZX 33
31
35
25
8 (<15)
+6…+11
> 17
40
320
ZX 36
34
38
10
16 (<30)
+6…+11
> 17
37
290
ZX 39
37
41
10
20 (<40)
+6…+11
> 20
34
270
ZX 43
40
46
10
24 (<40)
+7…+12
> 20
31
245
ZX 47
44
50
10
24 (<40)
+7…+12
> 24
28
225
ZX 51
48
54
10
25 (<60)
+7…+12
> 24
26
200
ZX 56
52
60
10
25 (<60)
+7…+12
> 28
23
185
ZX 62
58
66
10
25 (<80)
+8…+13
> 28
21
170
ZX 68
64
72
10
25 (<80)
+8…+13
> 34
20
155
ZX 75
70
79
10
30 (<100)
+8…+13
> 34
18
140
ZX 82
77
88
10
30 (<100)
+8…+13
> 41
16
125
ZX 91
85
96
5
40 (<150)
+9…+13
> 41
15
115
ZX 100
94
106
5
60 (<150)
+9…+13
> 50
13
105
ZX 110
104
116
5
80 (<200)
+9…+13
> 50
12
97
ZX 120
114
127
5
80 (<200)
+9…+13
> 60
11
89
ZX 130
124
141
5
90 (<250)
+9…+13
> 60
10
80
ZX 150
138
156
5
100 (<250)
+9…+13
> 75
9
72
ZX 160
153
171
5
110 (<300)
+9…+13
> 75
8
66
ZX 180
168
191
5
120 (<350)
+9…+13
> 90
7
59
ZX 200
188
212
5
150 (<350)
+9…+13
> 90
7
53



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com