Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S105 Datasheet (PDF) - Analog Devices

AD2S105 Datasheet PDF - Analog Devices
Part # AD2S105
Download  AD2S105 Download
File Size   292.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three-Phase Current Conditioner

AD2S105 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S105 Datasheet PDF - Analog Devices

Part # AD2S105
Download  AD2S105 Click to download

File Size   292.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three-Phase Current Conditioner

AD2S105 Datasheet (HTML) - Analog Devices


AD2S105 Product details

GENERAL DESCRIPTION
The AD2S105 performs the vector rotation of three-phase 120 degree or two-phase 90 degree sine and cosine signals by transferring these inputs into a new reference frame which is controlled by the digital input angle φ. Two transforms are included in the AD2S105. The first is the Clarke transform which computes the sine and cosine orthogonal components of a three-phase input. These signals represent real and imaginary components which then form the input to the Park transform. The Park transform relates the angle of the input signals to a reference frame controlled by the digital input port. The digital input port on the AD2S105 is a 12-bit/parallel natural binary port.

FEATURES
    Current Conditioning
    Complete Vector Transformation on Silicon
    Three-Phase 120° and Orthogonal 90° Signal Transformation
    Three-Phase Balance Diagnostic–Homopolar Output
    DQ Manipulation
    Real-Time Filtering

APPLICATIONS
    AC Induction Motor Control
    Spindle Drive Control
    Pump Drive Control
    Compressor Drive Control and Diagnostics
    Harmonic Measurement
    Frequency Analysis
    Three-Phase Power Measurement




Similar Part No. - AD2S105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100 Datasheet
1,014Kb / 12P
AC Vector Processor
REV. A 7/94
AD2S100AP AD-AD2S100AP Datasheet
1,014Kb / 12P
AC Vector Processor
REV. A 7/94
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
AC Vector Processor
REV. A
More results


Similar Description - AD2S105

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
3TA17-100 YHDC-3TA17-100 Datasheet
1Mb / 1P
Three-phase current transformer
3TA17-200 YHDC-3TA17-200 Datasheet
1Mb / 1P
Three-phase current transformer
3TA17-300 YHDC-3TA17-300 Datasheet
1Mb / 1P
Three-phase current transformer
3TA019BL YHDC-3TA019BL Datasheet
587Kb / 1P
Three-phase current transformer
3TA040BL YHDC-3TA040BL Datasheet
590Kb / 1P
Three-phase current transformer
3TA8350-100 YHDC-3TA8350-100 Datasheet
675Kb / 1P
Three-phase current transformer
3TA8350-200 YHDC-3TA8350-200 Datasheet
694Kb / 1P
Three-phase current transformer
3TA8350-300 YHDC-3TA8350-300 Datasheet
676Kb / 1P
Three-phase current transformer
3TA8350BL-100 YHDC-3TA8350BL-100 Datasheet
1Mb / 1P
Three-phase current transformer
3TA8350BL-400 YHDC-3TA8350BL-400 Datasheet
1Mb / 1P
Three-phase current transformer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com