Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S83 Datasheet (PDF) - Analog Devices

AD2S83 Datasheet PDF - Analog Devices
Part # AD2S83
Download  AD2S83 Download
File Size   176.33 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Variable Resolution, Resolver-to-Digital Converter

AD2S83 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S83 Datasheet PDF - Analog Devices

Part # AD2S83
Download  AD2S83 Click to download

File Size   176.33 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Variable Resolution, Resolver-to-Digital Converter

AD2S83 Datasheet (HTML) - Analog Devices


AD2S83 Product details

GENERAL DESCRIPTION
The AD2S83 is a monolithic 10-, 12-, 14-, or 16-bit tracking resolver-to-digital converter.
The converter allows users to select their own resolution and dynamic performance with external components. The converter allows users to select the resolution to be 10, 12, 14, or 16 bits and to track resolver signals rotating at up to 1040 revs per second (62,400 rpm) when set to 10-bit resolution.
The AD2S83 converts resolver format input signals into a parallel natural binary digital word using a ratiometric tracking conversion method. This ensures high noise immunity and tolerance of long leads allowing the converter to be located remote from the resolver.
The position output from the converter is presented via 3-state output pins which can be configured for operations with 8- or 16-bit bus. BYTE SELECT, ENABLE and INHIBIT pins ensure easy data transfer to 8- and 16-bit data bus, and outputs are provided to allow for cycle or pitch counting in external counters.
A precise analog signal proportional to velocity is also available and will replace a tachogenerator.
The AD2S83 operates over reference frequencies in the range 0 Hz to 20,000 Hz.

FEATURES
  Tracking R/D Converter
  High Accuracy Velocity Output
  High Max Tracking Rate 1040 RPS (10 Bits)
  44-Lead PLCC Package
  10-, 12-, 14-, or 16-Bit Resolution Set by User
  Ratiometric Conversion
  Stabilized Velocity Reference
  Dynamic Performance Set by User
  Industrial Temperature Range
 
APPLICATIONS
  DC and AC Servo Motor Control
  Process Control
  Numerical Control of Machine Tools
  Robotics
  Axis Control




Similar Part No. - AD2S83

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S83 AD-AD2S83 Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S83 AD-AD2S83 Datasheet
220Kb / 20P
Variable Resolution, Resolver-to-Digital Converter
23-Feb-2017
AD2S83AP AD-AD2S83AP Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S83AP AD-AD2S83AP Datasheet
220Kb / 20P
Variable Resolution, Resolver-to-Digital Converter
23-Feb-2017
AD2S83APZ AD-AD2S83APZ Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
More results


Similar Description - AD2S83

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S83APZ AD-AD2S83APZ Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_15 Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
Variable Resolution, Monolithic Resolver-to-Digital Converter
23-Feb-2017
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
Variable Resolution, Resolver-to-Digital Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com