Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S83 Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S83
Description  Variable Resolution, Resolver-to-Digital Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S83 Datasheet(HTML) 4 Page - Analog Devices

  AD2S83 Datasheet HTML 1Page - Analog Devices AD2S83 Datasheet HTML 2Page - Analog Devices AD2S83 Datasheet HTML 3Page - Analog Devices AD2S83 Datasheet HTML 4Page - Analog Devices AD2S83 Datasheet HTML 5Page - Analog Devices AD2S83 Datasheet HTML 6Page - Analog Devices AD2S83 Datasheet HTML 7Page - Analog Devices AD2S83 Datasheet HTML 8Page - Analog Devices AD2S83 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AD2S83–SPECIFICATIONS
AD2S83
Parameter
Conditions
Min
Typ
Max
Units
THREE-STATE LEAKAGE
DB1–DB16 Only
Current IL
±V
S = ± 12.0 V, VL = 5.5 V
20
µA
VOL = 0 V
±V
S = ± 12.0 V, VL = 5.5 V
20
µA
VOH = 5.0 V
RATIO MULTIPLIER
AC Error Output Scaling
10 Bit
177.6
mV/Bit
12 Bit
44.4
mV/Bit
14 Bit
11.1
mV/Bit
16 Bit
2.775
mV/Bit
PHASE SENSITIVE DETECTOR
Output Offset Voltage
12
mV
Gain
In Phase
w.r.t. REF
–0.882
–0.9
–0.918
V rms/V dc
In Quadrature
w.r.t. REF
±0.02
V rms/V dc
Input Bias Current
60
150
nA
Input Impedance
1.0
M
Ω
Input Voltage
±8V
INTEGRATOR
Open-Loop Gain
At 10 kHz
57
60
63
dB
Dead Zone Current (Hysteresis)
90
100
110
nA/LSB
Input Offset Voltage
15
mV
Input Bias Current
60
150
nA
Output Voltage Range
8
V
VCO
Maximum Rate
1.1
MHz
VCO Rate
+ve DIR
8.25
8.50
8.75
kHz/
µA
–ve DIR
8.25
8.50
8.75
kHz/
µA
VCO Power Supply Sensitivity
Rate
+VS
+0.5
%/V
–VS
–0.5
%/V
Input Offset Voltage
3mV
Input Bias Current
12
50
nA
Input Bias Current Tempco
+0.22
nA/
°C
Linearity of Absolute Rate
AD2S83AP
0 kHz–500 kHz
±0.15
0.25
% FSR
0.5 MHz–1 MHz
±0.25
1.0
% FSR
AD2S83IP
0 kHz–500 kHz
±0.25
0.5
% FSR
0.5 MHz–1 MHz
±0.25
1.0
% FSR
Reversion Error
AD2S83AP
±0.5
1.0
% Output
AD2S83IP
±1.0
1.5
% Output
POWER SUPPLIES
Voltage Levels
+VS
+11.4
+12.6
V
–VS
–11.4
–12.6
V
+VL
+4.5
+5
+VS
V
Current
±I
S
±V
S @ ± 12 V
±12
23
mA
±I
S
±V
S @ ± 12.6 V
±19
30
mA
±I
L
+VL @ ± 5.0 V
±0.5
1.5
mA
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test.
Specification subject to change without notice.
( VS =
12 V dc
5%; VL = +5 V dc
10%; TA = –40 C to +85 C)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Accuracy
Description
Option
AD2S83AP
–40
°C to +85°C
8 arc min
Plastic Leaded Chip Carrier
P-44A
AD2S83IP
–40
°C to +85°C
8 arc min
Plastic Leaded Chip Carrier
P-44A
REV. D
–4–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com