Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5222 Datasheet (PDF) - Analog Devices

AD5222 Datasheet PDF - Analog Devices
Part # AD5222
Download  AD5222 Download
File Size   268.82 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

AD5222 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5222 Datasheet PDF - Analog Devices

Part # AD5222
Download  AD5222 Click to download

File Size   268.82 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

AD5222 Datasheet (HTML) - Analog Devices


AD5222 Product details

GENERAL DESCRIPTION
The AD5232 device provides a nonvolatile, dual-channel, digitally controlled variable resistor (VR) with 256-position resolution. This device performs the same electronic adjustment function as a mechanical potentiometer with enhanced resolution, solid state reliability, and superior low temperature coefficient performance. The versatile programming of the AD5232, per ormed via a microcontroller, allows multiple modes of operation and adjustment.
In the direct program mode, a predetermined setting of the RDAC registers (RDAC1 and RDAC2) can be loaded directly from the microcontroller. Another important mode of operation allows the RDACx register to be refreshed with the setting previously stored in the corresponding EEMEM register (EEMEM1 and EEMEM2). When changes are made to the RDACx register to establish a new wiper position, the value of the setting can be saved into the EEMEMx register by executing an EEMEM save operation. After the settings are saved in the EEMEMx register, these values are automatically transferred to the RDACx register to set the wiper position at system power-on. Such operation is enabled by the internal preset strobe. The preset strobe can also be accessed externally.

FEATURES
   Dual-channel, 256-position resolution
   10 kΩ, 50 kΩ, and 100 kΩ nominal terminal resistance
   Nonvolatile memory maintenance of wiper settings
   Predefined linear increment/decrement instructions
   Predefined ±6 dB step log taper increment/decrement
      instructions
   SPI-compatible serial interface
   Wiper settings and EEMEM readback
   3 V to 5 V single-supply operation
   ±2.5 V dual-supply operation
   14 bytes of general-purpose user EEMEM
   Permanent memory write protection
   100-year typical data retention (TA = 55°C)

APPLICATIONS
   Mechanical potentiometer replacement
   Instrumentation: gain and offset adjustment
   Programmable voltage-to-current conversion
   Programmable filters, delays, and time constants
   Programmable power supply
   Low resolution DAC replacement
   Sensor calibration




Similar Part No. - AD5222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5222 AD-AD5222 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5222 AD-AD5222 Datasheet
173Kb / 10P
Increment/Decrement Dual Digital Potentiometer
AD5222 AD-AD5222 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5222BR10 AD-AD5222BR10 Datasheet
173Kb / 10P
Increment/Decrement Dual Digital Potentiometer
AD5222BR100 AD-AD5222BR100 Datasheet
173Kb / 10P
Increment/Decrement Dual Digital Potentiometer
More results


Similar Description - AD5222

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Analog Devices
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com