Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5222 Datasheet (PDF) - Analog Devices

AD5222 Datasheet PDF - Analog Devices
Part # AD5222
Download  AD5222 Download
File Size   173.45 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Increment/Decrement Dual Digital Potentiometer

AD5222 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5222 Datasheet PDF - Analog Devices

Part # AD5222
Download  AD5222 Click to download

File Size   173.45 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Increment/Decrement Dual Digital Potentiometer

AD5222 Datasheet (HTML) - Analog Devices


AD5222 Product details

GENERAL DESCRIPTION
The AD5222 provides a dual channel, 128-position, digitally controlled variable-resistor (VR) device. This device performs the same electronic adjustment function as a potentiometer or variable resistor. These products were optimized for instrument and test equipment push-button applications. Choices between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values.

FEATURES
    128-Position, 2-Channel
    Potentiometer Replacement
    10 kV, 50 kV, 100 kV, 1 MV
    Very Low Power: 40 mA Max
    62.7 V Dual Supply Operation or 2.7 V to 5.5 V Single Supply Operation
    Increment/Decrement Count Control

APPLICATIONS
    Stereo Channel Audio Level Control
    Mechanical Potentiometer Replacement
    Remote Incremental Adjustment Applications
    Instrumentation: Gain, Offset Adjustment
    Programmable Voltage-to-Current Conversion
    Line Impedance Matching




Similar Part No. - AD5222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5222 AD-AD5222 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5222 AD-AD5222 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5222 AD-AD5222 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
More results


Similar Description - AD5222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220 AD-AD5220 Datasheet
265Kb / 10P
Increment/Decrement Digital Potentiometer
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
Increment/Decrement Digital Potentiometer
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
logo
Analog Devices
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
Increment Decrement Digital Potentionmeter
REV. A
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com