Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD537 Datasheet (PDF) - Analog Devices

AD537 Datasheet PDF - Analog Devices
Part # AD537
Download  AD537 Download
File Size   179.09 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit Voltage-to-Frequency Converter

AD537 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD537 Datasheet PDF - Analog Devices

Part # AD537
Download  AD537 Click to download

File Size   179.09 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit Voltage-to-Frequency Converter

AD537 Datasheet (HTML) - Analog Devices


AD537 Product details

PRODUCT DESCRIPTION
The AD537 is a monolithic V-F converter consisting of an input amplifier, a precision oscillator system, an accurate internal reference generator and a high current output stage. Only a single external RC network is required to set up any full-scale (F.S.) frequency up to 100 kHz and any F.S. input voltage up to ±30 V. Linearity error is as low as ±0.05% for 10 kHz F.S., and operation is guaranteed over an 80 dB dynamic range. The over all temperature coefficient (excluding the effects of external components) is typically ±30 ppm/°C. The AD537 operates from a single supply of 5 V to 36 V and consumes only 1.2 mA quiescent current.

FEATURES
    Low Cost A–D Conversion
    Versatile Input Amplifier
       Positive or Negative Voltage Modes
       Negative Current Mode
       High Input Impedance, Low Drift
    Single Supply, 5 V to 36 V
    Linearity: ±0.05% FS
    Low Power: 1.2 mA Quiescent Current
    Full-Scale Frequency up to 100 kHz
    1.00 V Reference
    Thermometer Output (1 mV/K)
    F-V Applications
    MIL-STD-883 Compliant Versions Available




Similar Part No. - AD537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD537 AD-AD537 Datasheet
722Kb / 9P
Integrated Circuit Voltage-to.Frequency Converter
23-Feb-2017
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370 AD-AD5370 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5370BSTZ AD-AD5370BSTZ Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
More results


Similar Description - AD537

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE890 NTE-NTE890 Datasheet
22Kb / 2P
Integrated Circuit Voltage to Frequency Converter
NTE995 NTE-NTE995 Datasheet
30Kb / 4P
Integrated Circuit Frequency-to-Voltage Converter
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD537 AD-AD537_15 Datasheet
688Kb / 8P
INTERGRATED CIRCUIT VOLTAGE TO FREQUENCY CONVERTER
REV. C
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD537 AD-AD537_17 Datasheet
722Kb / 9P
Integrated Circuit Voltage-to.Frequency Converter
23-Feb-2017
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com