Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4946S Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H4946S Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H4946S
Download  H4946S Download
File Size   236.98 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET (60V, 5A)

H4946S Datasheet (PDF)

Go To PDF Page Download Datasheet
H4946S Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H4946S
Download  H4946S Click to download

File Size   236.98 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET (60V, 5A)

H4946S Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H4946S Product details

Description
The Advanced Power MOSFETS provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness

Features
• RDS(on)<41mΩ@VGS=10V, ID=5.0A
• RDS(on)<55mΩ@VGS=4.5V, ID=2.5A
• Low On-resistance
• Fast Switching Speed
• SOP-8 Package
   8-Lead Plastic DIP-8
   8-Lead Plastic SO-8




Similar Part No. - H4946S

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
Thru - Hole Crystals
logo
Tyco Electronics
H4910RAAA MACOM-H4910RAAA Datasheet
196Kb / 4P
Type HOLCO Series
H4910RAAB MACOM-H4910RAAB Datasheet
196Kb / 4P
Type HOLCO Series
H4910RAAD MACOM-H4910RAAD Datasheet
196Kb / 4P
Type HOLCO Series
H4910RABA MACOM-H4910RABA Datasheet
196Kb / 4P
Type HOLCO Series
More results


Similar Description - H4946S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP9971 UTC-UP9971 Datasheet
211Kb / 4P
5A, 60V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com