Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD546 Datasheet (PDF) - Analog Devices

AD546 Datasheet PDF - Analog Devices
Part # AD546
Download  AD546 Download
File Size   455.58 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 pA Monolithic Electrometer Operational Amplifier

AD546 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD546 Datasheet PDF - Analog Devices

Part # AD546
Download  AD546 Click to download

File Size   455.58 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 pA Monolithic Electrometer Operational Amplifier

AD546 Datasheet (HTML) - Analog Devices


AD546 Product details

PRODUCT DESCRIPTION

The AD546 is a monolithic electrometer combining the virtues of low (1 pA) input bias current with the cost effectiveness of a plastic mini-DIP package. Both input offset voltage and input offset voltage drift are laser trimmed, providing very high perfor mance for such a low cost amplifier.

Input bias currents are reduced significantly by using “topgate” JFET technology. The 1015 Ω common-mode impedance, resulting from a bootstrapped input stage, insures that input bias current is essentially independent of common-mode voltage variations.



FEATURES

DC PERFORMANCE

1 mV max Input Offset Voltage

Low Offset Drift: 20 mV/8C

1 pA max Input Bias Current

Input Bias Current Guaranteed Over Full Common-Mode Voltage Range



AC PERFORMANCE

3 V/ms Slew Rate

1 MHz Unity Gain Bandwidth

Low Input Voltage Noise: 4 mV p-p, 0.1 Hz to 10 Hz

Available in a Low Cost, 8-Pin Plastic Mini-DIP

Standard Op Amp Pinout



APPLICATIONS

Electrometer Amplifiers

Photodiode Preamps

pH Electrode Buffers

Log Ratio Amplifiers




Similar Part No. - AD546

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Similar Description - AD546

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
Difet Electrometer-Grade OPERATIONAL AMPLIFIER
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1741 MOTOROLA-MC1741 Datasheet
1Mb / 5P
OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
MONOLITHIC OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
M38510-101J ETC1-M38510-101J Datasheet
251Kb / 43P
MICROCIRCUITS, LINEAR, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
1A Monolithic Electrometer Operational Amplifier
REV. A
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
logo
Analog Devices
ADA4530-1 AD-ADA4530-1 Datasheet
1Mb / 51P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com