Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H34063B Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H34063B Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H34063B
Download  H34063B Download
File Size   182.36 Kbytes
Page   7 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description DC-to-DC Converter Integrate Circuit Devices

H34063B Datasheet (PDF)

Go To PDF Page Download Datasheet
H34063B Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H34063B
Download  H34063B Click to download

File Size   182.36 Kbytes
Page   7 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description DC-to-DC Converter Integrate Circuit Devices

H34063B Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H34063B Product details

Description
The H34063B Series is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series was specifically by Avantics Microelectronics Corp.

Features
• 3V to 35V Input Voltage Operation
• Internal 1.2A Peak Current Switch
• Internal ±1.8% Reference
• Low Quiescent Current at 1.6mA
• Frequency Operation from 100Hz~100KHz
• Output Voltage Adjustable
• Active Current Limiting
• Step-Up, Step-Down or Inverting Switching Regulators




Similar Part No. - H34063B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H34063 HSMC-H34063 Datasheet
71Kb / 6P
DC-TO-DC Converter Integrate Circuit Devices
H34063 HSMC-H34063 Datasheet
57Kb / 6P
DC-TO-DC Converter Integrate Circuit Devices?
H34063A HSMC-H34063A Datasheet
72Kb / 7P
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
H34063AP HSMC-H34063AP Datasheet
71Kb / 6P
DC-TO-DC Converter Integrate Circuit Devices
H34063AP HSMC-H34063AP Datasheet
72Kb / 7P
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
More results


Similar Description - H34063B

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Hi-Sincerity Mocroelect...
H34063AP HSMC-H34063AP Datasheet
71Kb / 6P
DC-TO-DC Converter Integrate Circuit Devices
H34063AS HSMC-H34063AS Datasheet
57Kb / 6P
DC-TO-DC Converter Integrate Circuit Devices?
logo
List of Unclassifed Man...
AX34063AP ETC-AX34063AP Datasheet
183Kb / 7P
DC-to-DC Converter Integrate Circuit Devices
logo
Hi-Sincerity Mocroelect...
H34063A HSMC-H34063A Datasheet
72Kb / 7P
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com