Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BN Datasheet (PDF) - Analog Devices

AD605BN Datasheet PDF - Analog Devices
Part # AD605BN
Download  AD605BN Download
File Size   263.95 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Low Noise, Single-Supply Variable Gain Amplifier

AD605BN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD605BN Datasheet PDF - Analog Devices

Part # AD605BN
Download  AD605BN Click to download

File Size   263.95 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Low Noise, Single-Supply Variable Gain Amplifier

AD605BN Datasheet (HTML) - Analog Devices


AD605BN Product details

GENERAL DESCRIPTION
The AD605 is a low noise, accurate, dual-channel, linear-in-dB variable gain amplifier (VGA), optimized for any application requiring high performance, wide bandwidth variable gain control. Operating from a single 5 V supply, the AD605 provides differential inputs and unipolar gain control for ease of use. Added flexibility is achieved with a user-determined gain range and an external reference input that provide user-determined gain scaling (dB/V).

FEATURES
  2 independent linear-in-dB channels
  Input noise at maximum gain: 1.8 nV/√Hz, 2.7 pA/√Hz
  Bandwidth: 40 MHz (–3 dB)
  Differential input
  Absolute gain range programmable
    –14 dB to +34 dB (FBK shorted to OUT) through
    0 dB to 48 dB (FBK open)
  Variable gain scaling: 20 dB/V through 40 dB/V
  Stable gain with temperature and supply variations
  Single-ended unipolar gain control
  Output common mode independently set
  Power shutdown at lower end of gain control
  Single 5 V supply
  Low power: 90 mW/channel
  Drives ADCs directly

APPLICATIONS
  Ultrasound and sonar time-gain controls
  High performance AGC systems
  Signal measurement




Similar Part No. - AD605BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605BN AD-AD605BN Datasheet
376Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
1/06-Rev. C to Rev. D
AD605BN AD-AD605BN Datasheet
419Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
More results


Similar Description - AD605BN

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
1/06-Rev. C to Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Analog Devices
AD605 AD-AD605_15 Datasheet
669Kb / 25P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com