Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BN Datasheet(PDF) 1 Page - Analog Devices

Part # AD605BN
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BN Datasheet(HTML) 1 Page - Analog Devices

  AD605BN Datasheet HTML 1Page - Analog Devices AD605BN Datasheet HTML 2Page - Analog Devices AD605BN Datasheet HTML 3Page - Analog Devices AD605BN Datasheet HTML 4Page - Analog Devices AD605BN Datasheet HTML 5Page - Analog Devices AD605BN Datasheet HTML 6Page - Analog Devices AD605BN Datasheet HTML 7Page - Analog Devices AD605BN Datasheet HTML 8Page - Analog Devices AD605BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
a
AD605
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
Dual, Low Noise, Single-Supply
Variable Gain Amplifier
FUNCTIONAL BLOCK DIAGRAM
PRECISION PASSIVE
INPUT ATTENUATOR
FIXED GAIN
AMPLIFIER
+34.4dB
DIFFERENTIAL
ATTENUATOR
0 TO –48.4dB
OUT
VOCM
VGN
VREF
+IN
–IN
GAIN
CONTROL
AND
SCALING
FBK
AD605
FEATURES
Two Independent Linear-in-dB Channels
Input Noise at Maximum Gain: 1.8 nV/
√Hz, 2.7 pA/√Hz
Bandwidth: 40 MHz (–3 dB)
Differential Input
Absolute Gain Range Programmable:
–14 dB to +34 dB (FBK Shorted to OUT) Through
0 dB to +48 dB (FBK Open)
Variable Gain Scaling: 20 dB/V Through 40 dB/V
Stable Gain with Temperature and Supply Variations
Single-Ended Unipolar Gain Control
Output Common-Mode Independently Set
Power Shutdown at Lower End of Gain Control
Single 5 V Supply
Low Power: 90 mW/Channel
Drives A/D Converters Directly
APPLICATIONS
Ultrasound and Sonar Time-Gain Control
High Performance AGC Systems
Signal Measurement
GENERAL DESCRIPTION
The AD605 is a low noise, accurate, dual channel, linear-in-dB
variable gain amplifier, which is optimized for any application
requiring high performance, wide bandwidth variable gain con-
trol. Operating from a single 5 V supply, the AD605 provides
differential inputs and unipolar gain control for ease of use.
Added flexibility is achieved with a user-determined gain range
and an external reference input which provides user-determined
gain scaling (dB/V).
The high performance linear-in-dB response of the AD605 is
achieved with the differential input, single supply, exponential
amplifier (DSX-AMP) architecture. Each of the DSX-AMPs
comprise a variable attenuator of 0 dB to –48.4 dB followed by
a high speed fixed gain amplifier. The attenuator is based on a
7-stage R-1.5R ladder network. The attenuation between tap
points is 6.908 dB, and 48.360 dB for the entire ladder network.
The DSX-AMP architecture results in 1.8 nV/
√Hz input noise
spectral density and will accept a
± 2.0 V input signal when
VOCM is biased at VP/2.
Each independent channel of the AD605 provides a gain range
of 48 dB which can be optimized for the application. Gain
ranges between –14 dB to +34 dB and 0 dB to +48 dB can be
selected by a single resistor between pins FBK and OUT. The
lower and upper gain ranges are determined by shorting pin
FBK to OUT, or leaving pin FBK unconnected, respectively.
The two channels of the AD605 can be cascaded to provide 96
dB of very accurate gain range in a monolithic package.
The gain control interface provides an input resistance of approxi-
mately 2 M
Ω and scale factors from 20 dB/V to 30 dB/V for a
VREF input voltage of 2.5 V to 1.67 V, respectively. Note that
scale factors up to 40 dB/V are achievable with reduced accu-
racy for scales above 30 dB/V. The gain scales linearly in dB
with control voltages (VGN) of 0.4 V to 2.4 V for the 20 dB/V
scale and 0.20 V to 1.20 V for the 40 dB/V scale. When VGN
is <50 mV the amplifier is powered down to draw 1.9 mA.
Under normal operation, the quiescent supply current of each
amplifier channel is only 18 mA.
The AD605 is available in 16-lead PDIP and SOIC, and is
guaranteed for operation over the –40
°C to +85°C tempera-
ture range.


Similar Part No. - AD605BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605BN AD-AD605BN Datasheet
376Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
1/06-Rev. C to Rev. D
AD605BN AD-AD605BN Datasheet
419Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
More results

Similar Description - AD605BN

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
1/06-Rev. C to Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Analog Devices
AD605 AD-AD605_15 Datasheet
669Kb / 25P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com