Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD626 Datasheet (PDF) - Analog Devices

AD626 Datasheet PDF - Analog Devices
Part # AD626
Download  AD626 Download
File Size   166.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Single Supply Differential Amplifier

AD626 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD626 Datasheet PDF - Analog Devices

Part # AD626
Download  AD626 Click to download

File Size   166.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Single Supply Differential Amplifier

AD626 Datasheet (HTML) - Analog Devices


AD626 Product details

PRODUCT DESCRIPTION

The AD626 is a low cost, true single-supply differential amplifier designed for amplifying and low-pass filtering small differential voltages from sources having a large common-mode voltage.

The AD626 can operate from either a single supply of +2.4 V to +10 V, or dual supplies of ±1.2 V to ±6 V. The input common-mode range of this amplifier is equal to 6 (+VS – 1 V) which provides a +24 V CMR while operating from a +5 V supply. Furthermore, the AD626 features a CMR of 90 dB typ.



FEATURES

  Pin Selectable Gains of 10 and 100

  True Single-Supply Operation

     Single-Supply Range of +2.4 V to +10 V

     Dual-Supply Range of ± 1.2 V to ± 6 V

     Wide Output Voltage Range of 30 mV to 4.7 V

  Optional Low-Pass Filtering

  Excellent DC Performance

     Low Input Offset Voltage: 500 μV Max

     Large Common-Mode Range: 0 V to +54 V

     Low Power: 1.2 mW (VS = +5 V)

     Good CMR of 90 dB Typ

  AC Performance

     Fast Settling Time: 24 μs (0.01%)

  Includes Input Protection

     Series Resistive Inputs (RIN = 200 kΩ)

     RFI Filters Included

     Allows 50 V Continuous Overload



APPLICATIONS

  Current Sensing

  Interface for Pressure Transducers, Position Indicators, Strain Gages, and Other Low Level Signal Sources



 




Similar Part No. - AD626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
AD626 AD-AD626 Datasheet
499Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626AN AD-AD626AN Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
AD626AN AD-AD626AN Datasheet
499Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
More results


Similar Description - AD626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD626 AD-AD626_03 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626 AD-AD626_15 Datasheet
554Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
Single-Supply, Low Cost Instrumentation Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com