Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD626 Datasheet (PDF) - Analog Devices

AD626 Datasheet PDF - Analog Devices
Part # AD626
Download  AD626 Download
File Size   499.69 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Single-Supply Differential Amplifi er

AD626 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD626 Datasheet PDF - Analog Devices

Part # AD626
Download  AD626 Click to download

File Size   499.69 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Single-Supply Differential Amplifi er

AD626 Datasheet (HTML) - Analog Devices


AD626 Product details

PRODUCT DESCRIPTION

The AD626 is a low cost, true single-supply differential amplifier designed for amplifying and low-pass filtering small differential voltages from sources having a large common-mode voltage.

The AD626 can operate from either a single supply of +2.4 V to +10 V, or dual supplies of ±1.2 V to ±6 V. The input common-mode range of this amplifier is equal to 6 (+VS – 1 V) which provides a +24 V CMR while operating from a +5 V supply. Furthermore, the AD626 features a CMR of 90 dB typ.



FEATURES

  Pin Selectable Gains of 10 and 100

  True Single-Supply Operation

     Single-Supply Range of +2.4 V to +10 V

     Dual-Supply Range of ± 1.2 V to ± 6 V

     Wide Output Voltage Range of 30 mV to 4.7 V

  Optional Low-Pass Filtering

  Excellent DC Performance

     Low Input Offset Voltage: 500 μV Max

     Large Common-Mode Range: 0 V to +54 V

     Low Power: 1.2 mW (VS = +5 V)

     Good CMR of 90 dB Typ

  AC Performance

     Fast Settling Time: 24 μs (0.01%)

  Includes Input Protection

     Series Resistive Inputs (RIN = 200 kΩ)

     RFI Filters Included

     Allows 50 V Continuous Overload



APPLICATIONS

  Current Sensing

  Interface for Pressure Transducers, Position Indicators, Strain Gages, and Other Low Level Signal Sources



 




Similar Part No. - AD626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626 Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626 AD-AD626 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
AD626A AD-AD626A Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626AN AD-AD626AN Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626AN AD-AD626AN Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
More results


Similar Description - AD626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626 Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626 AD-AD626_03 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
logo
Analog Devices
AD626 AD-AD626_15 Datasheet
554Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
logo
Linear Technology
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com