Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD636 Datasheet (PDF) - Analog Devices

AD636 Datasheet PDF - Analog Devices
Part # AD636
Download  AD636 Download
File Size   157.72 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Level, True RMS-to-DC Converter

AD636 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD636 Datasheet PDF - Analog Devices

Part # AD636
Download  AD636 Click to download

File Size   157.72 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Level, True RMS-to-DC Converter

AD636 Datasheet (HTML) - Analog Devices


AD636 Product details

GENERAL DESCRIPTION
The AD636 is a low power monolithic IC that performs true rms-to-dc conversion on low level signals. It offers performance that is comparable or superior to that of hybrid and modular converters costing much more. The AD636 is specified for a signal range of 0 mV to 200 mV rms. Crest factors up to 6 can be accommodated with less than 0.5% additional error, allowing accurate measurement of complex input waveforms.
   
FEATURES
    True rms-to-dc conversion
    200 mV full scale
    Laser-trimmed to high accuracy
        0.5% maximum error (AD636K)
        1.0% maximum error (AD636J)
    Wide response capability
        Computes rms of ac and dc signals
        1 MHz, −3 dB bandwidth: V rms > 100 mV
        Signal crest factor of 6 for 0.5% error
    dB output with 50 dB range
    Low power: 800 μA quiescent current
    Single or dual supply operation
    Monolithic integrated circuit
    Low cost
   




Similar Part No. - AD636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
473Kb / 16P
Low Level, True RMS-to-DC Converter
Rev. E
AD636JDZ AD-AD636JDZ Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD636JDZ AD-AD636JDZ Datasheet
473Kb / 16P
Low Level, True RMS-to-DC Converter
Rev. E
AD636JH AD-AD636JH Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD636JH AD-AD636JH Datasheet
473Kb / 16P
Low Level, True RMS-to-DC Converter
Rev. E
More results


Similar Description - AD636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD737 AD-AD737 Datasheet
149Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
AD736 AD-AD736_15 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com