Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737 Datasheet (PDF) - Analog Devices

AD737 Datasheet PDF - Analog Devices
Part # AD737
Download  AD737 Download
File Size   149.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power, True RMS-to-DC Converter

AD737 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD737 Datasheet PDF - Analog Devices

Part # AD737
Download  AD737 Click to download

File Size   149.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power, True RMS-to-DC Converter

AD737 Datasheet (HTML) - Analog Devices


AD737 Product details

GENERAL DESCRIPTION
The AD737 is a low power, precision, monolithic, true rms-to dc converter. It is laser trimmed to provide a maximum error of ±0.2 mV ± 0.3% of reading with sine wave inputs. Furthermore, it maintains high accuracy while measuring a wide range of input waveforms, including variable duty cycle pulses and triac (phase) controlled sine waves. The low cost and small physical size of this converter make it suitable for upgrading the performance of non-rms precision rectifiers in many applications. Compared to these circuits, the AD737 offers higher accuracy at equal or lower cost.

FEATURES
  Computes
     True rms value
     Average rectified value
     Absolute value
  Provides
     200 mV full-scale input range (larger inputs with input scaling)
     Direct interfacing with 3½ digit CMOS ADCs
     High input impedance: 1012 Ω
     Low input bias current: 25 pA maximum
     High accuracy: ±0.2 mV ± 0.3% of reading
     RMS conversion with signal crest factors up to 5
     Wide power supply range: ±2.5 V to ±16.5 V
     Low power: 25 µA (typical) standby current
     No external trims needed for specified accuracy
  The AD737 output is negative-going; the AD736 is a positive output-going version of the same basic device




Similar Part No. - AD737

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD737 AD-AD737 Datasheet
534Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. J
AD737-EVALZ AD-AD737-EVALZ Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737-EVALZ AD-AD737-EVALZ Datasheet
534Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. J
AD7376 AD-AD7376 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
More results


Similar Description - AD737

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
AD736 AD-AD736 Datasheet
218Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD736 AD-AD736_12 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_12 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
AD736 AD-AD736_15 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
Low Cost, Low Power, True RMS-to-DC Converter
3/2017-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com