Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376 Datasheet (PDF) - Analog Devices

AD7376 Datasheet PDF - Analog Devices
Part # AD7376
Download  AD7376 Download
File Size   664.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 256-Position Digital Potentiometer

AD7376 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7376 Datasheet PDF - Analog Devices

Part # AD7376
Download  AD7376 Click to download

File Size   664.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 256-Position Digital Potentiometer

AD7376 Datasheet (HTML) - Analog Devices


AD7376 Product details

GENERAL DESCRIPTION

The AD5207 provides dual channel, 256-position, digitally controlled variable resistor (VR) devices that perform the same electronic adjustment function as a potentiometer or variable resistor. Each channel of the AD5207 contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the SPI-compatible serial-input register.



FEATURES

256-Position, 2-Channel

Potentiometer Replacement

10 k, 50 k, 100 k

Power Shut-Down, Less than 5 A

2.7 V to 5.5 V Single Supply

2.7 V Dual Supply

3-Wire SPI-Compatible Serial Data Input

Midscale Preset During Power-On



APPLICATIONS

Mechanical Potentiometer Replacement

Stereo Channel Audio Level Control

Instrumentation: Gain, Offset Adjustment

Programmable Voltage-to-Current Conversion

Programmable Filters, Delays, Time Constants

Line Impedance Matching

Automotive Electronics Adjustment




Similar Part No. - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
-15 V Operation Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD7376AN10 AD-AD7376AN10 Datasheet
335Kb / 12P
-15 V Operation Digital Potentiometer
REV.0
AD7376AN100 AD-AD7376AN100 Datasheet
335Kb / 12P
-15 V Operation Digital Potentiometer
REV.0
More results


Similar Description - AD7376

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
256-Position I2C짰-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
256-Position IC-Compatible Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com