Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376 Datasheet (PDF) - Analog Devices

AD7376 Datasheet PDF - Analog Devices
Part # AD7376
Download  AD7376 Download
File Size   335.12 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -15 V Operation Digital Potentiometer

AD7376 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7376 Datasheet PDF - Analog Devices

Part # AD7376
Download  AD7376 Click to download

File Size   335.12 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -15 V Operation Digital Potentiometer

AD7376 Datasheet (HTML) - Analog Devices


AD7376 Product details

GENERAL DESCRIPTION
The AD7376 provides a single channel, 128-position digitally controlled variable resistor (VR) device. This device performs the same electronic adjustment function as a potentiometer or variable resistor. These products were optimized for instrument and test equipment applications where a combination of high voltage with a choice between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values. The AD7376 contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the SPI-compatible serial-input register. The resistance between the wiper and either endpoint of the fixed resistor varies linearly with respect to the digital code transferred into the VR latch. The variable resistor offers a completely programmable value of resistance between the A terminal and the wiper or the B terminal and the wiper. The fixed A to B terminal resistance of 10 kΩ, 50 kΩ, 100 kΩ or 1 MΩ has a nominal temperature coefficient of –300 ppm/°C.

FEATURES
   128 Position
   Potentiometer Replacement
   10 kΩ, 50 kΩ, 100 kΩ, 1 MΩ
   Power Shutdown: Less than 1 μA
   3-Wire SPI Compatible Serial Data Input
   +5 V to +30 V Single Supply Operation
   ±5 V to ±15 V Dual Supply Operation
   Midscale Preset

APPLICATIONS
   Mechanical Potentiometer Replacement
   Instrumentation: Gain, Offset Adjustment
   Programmable Voltage-to-Current Conversion
   Programmable Filters, Delays, Time Constants
   Line Impedance Matching
   Power Supply Adjustment




Similar Part No. - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD7376ARUZ10 AD-AD7376ARUZ10 Datasheet
452Kb / 20P
128-Position Digital Potentiometer
REV. D
AD7376ARUZ10-R7 AD-AD7376ARUZ10-R7 Datasheet
452Kb / 20P
128-Position Digital Potentiometer
REV. D
More results


Similar Description - AD7376

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Analog Devices
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com