Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD640 Datasheet (PDF) - Analog Devices

AD640 Datasheet PDF - Analog Devices
Part # AD640
Download  AD640 Download
File Size   278.0 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC-Coupled Demodulating 120 MHz Logarithmic Amplifier

AD640 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD640 Datasheet PDF - Analog Devices

Part # AD640
Download  AD640 Click to download

File Size   278.0 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC-Coupled Demodulating 120 MHz Logarithmic Amplifier

AD640 Datasheet (HTML) - Analog Devices


AD640 Product details

PRODUCT DESCRIPTION
The AD640 is a complete monolithic logarithmic amplifier. A single AD640 provides up to 50 dB of dynamic range for frequencies from dc to 120 MHz. Two AD640s in cascade can provide up to 95 dB of dynamic range at reduced bandwidth. The AD640 uses a successive detection scheme to provide an output current proportional to the logarithm of the input voltage. It is laser calibrated to close tolerances and maintains high accuracy over the full military temperature range using supply voltages from ±4.5 V to ±7.5 V.

FEATURES
  Complete, Fully Calibrated Monolithic System
  Five Stages, Each Having 10 dB Gain, 350 MHz BW
  Direct Coupled Fully Differential Signal Path
  Logarithmic Slope, Intercept and AC Response are Stable Over Full Military Temperature Range
  Dual Polarity Current Outputs Scaled 1 mA/Decade
  Voltage Slope Options (1 V/Decade, 100 mV/dB, etc.)
  Low Power Operation (Typically 220 mW at 65 V)
  Low Cost Plastic Packages Also Available

APPLICATIONS
  Radar, Sonar, Ultrasonic and Audio Systems
  Precision Instrumentation from DC to 120 MHz
  Power Measurement with Absolute Calibration
  Wide Range High Accuracy Signal Compression
  Alternative to Discrete and Hybrid IF Strips
  Replaces Several Discrete Log Amp ICs




Similar Part No. - AD640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
416Kb / 19P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. D
AD6402 AD-AD6402 Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6402ARS AD-AD6402ARS Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6402ARS-REEL AD-AD6402ARS-REEL Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
More results


Similar Description - AD640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD606 AD-AD606 Datasheet
448Kb / 12P
50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
AD641 AD-AD641 Datasheet
256Kb / 16P
250 MHz Demodulating Logarithmic Amplifier
REV.C
AD8309 AD-AD8309 Datasheet
311Kb / 20P
5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV.B
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD606 AD-AD606_15 Datasheet
452Kb / 12P
50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
250 MHz Demodulating Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD641 AD-AD641_16 Datasheet
320Kb / 17P
250 MHz Demodulating Logarithmic Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com