Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD640 Datasheet(PDF) 4 Page - Analog Devices

Part # AD640
Description  DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD640 Datasheet(HTML) 4 Page - Analog Devices

  AD640 Datasheet HTML 1Page - Analog Devices AD640 Datasheet HTML 2Page - Analog Devices AD640 Datasheet HTML 3Page - Analog Devices AD640 Datasheet HTML 4Page - Analog Devices AD640 Datasheet HTML 5Page - Analog Devices AD640 Datasheet HTML 6Page - Analog Devices AD640 Datasheet HTML 7Page - Analog Devices AD640 Datasheet HTML 8Page - Analog Devices AD640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD640
REV. C
–4–
CHIP DIMENSIONS AND
BONDING DIAGRAM
Dimensions shown in inches and (mm).
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Input Voltage (Pin 1 or Pin 20 to COM) . . . . –3 V to +300 mV
Attenuator Input Voltage (Pin 5 to Pin 3/4) . . . . . . . . . . .
±4 V
Storage Temperature Range D, E . . . . . . . . . –65
°C to +150°C
Storage Temperature Range N, P . . . . . . . . . –65
°C to +125°C
Ambient Temperature Range, Rated Performance
Industrial, AD640B . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Military, AD640T . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Commercial, AD640J . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD640JN
0
°C to +70°C
20-Lead Plastic DIP
N-20
AD640JP
0
°C to +70°C
20-Lead PLCC
P-20A
AD640BD
–40
°C to +85°C
20-Lead Ceramic DIP
D-20
AD640BE
–40
°C to +85°C
20-Terminal Ceramic
LCC
E-20A
AD640BP
–40
°C to +85°C 20-Lead PLCC
P-20A
AD640TD/883B
–55
°C to +125°C 20-Lead Ceramic DIP
D-20
5962-9095501MRA –55
°C to +125°C 20-Lead Ceramic DIP
D-20
AD640TE/883B
–55
°C to +125°C 20-Terminal Ceramic
LCC
E-20A
5962-9095501M2A –55
°C to +125°C 20-Terminal Ceramic
LCC
E-20A
AD640TCHIPS
–55
°C to +125°CDie
AD640EB
Evaluation Board
AD640JP-REEL
0
°C to +70°C
13" Tape and Reel
P-20A
AD640JP-REEL7
0
°C to +70°C
7" Tape and Reel
P-20A
CONNECTION DIAGRAMS
20-Lead Ceramic DIP (D) Package
20-Lead PLCC (P) Package
20-Terminal Ceramic LCC (E) Package
20-Lead Plastic DIP (N) Package
9
10
11
12
13
3
2
1
20
19
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
AD640
ATN COM
CKT COM
RG1
RG0
RG2
LOG OUT
ATN IN
BL1
–VS
ITC
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD640
SIG –OUT
BL2
ITC
ATN LO
ATN COM
ATN COM
–VS
BL1
ATN IN
SIG –IN
SIG +IN
ATN OUT
CKT COM
RG1
RG0
RG2
LOG OUT
LOG COM
+VS
SIG +OUT
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
9
1011 1213
TOP VIEW
(Not to Scale)
AD640
ATN COM
CKT COM
RG1
RG0
RG2
LOG OUT
ATN IN
BL1
–VS
ITC
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD640 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(continued from page 1)
6. The low input offset voltage of 50
µV (200 µV max) ensures
good accuracy for low level dc inputs.
7. Thermal recovery “tails,” which can obscure the response
when a small signal immediately follows a high level input,
have been minimized by special attention to design details.
8. The noise spectral density of 2 nV/
√Hz results in a noise floor of
~23
µV rms (–80 dBm) at a bandwidth of 100 MHz. The dy-
namic range using cascaded AD640s can be extended to 95 dB
by the inclusion of a simple filter between the two devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com