Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD641A Datasheet (PDF) - Analog Devices

AD641A Datasheet PDF - Analog Devices
Part # AD641A
Download  AD641A Download
File Size   256.67 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz Demodulating Logarithmic Amplifier

AD641A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD641A Datasheet PDF - Analog Devices

Part # AD641A
Download  AD641A Click to download

File Size   256.67 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz Demodulating Logarithmic Amplifier

AD641A Datasheet (HTML) - Analog Devices


AD641A Product details

PRODUCT DESCRIPTION
The AD641 is a 250 MHz, demodulating logarithmic amplifier with an accuracy of ±2.0 dB and 44 dB dynamic range. The AD641 uses a successive detection architecture to provide an output current that is logarithmically proportional to its input voltage. The output current can be converted to a voltage using one of several on-chip resistors to select the slope. A single AD641 provides up to 44 dB of dynamic range at speeds up to 250 MHz, and two cascaded AD641s together can provide 58 dB of dynamic range at speeds up to 250 MHz. The AD641 is fully stable and well characterized over either the industrial or military temperature ranges.

FEATURES
    Logarithmic Amplifier Performance
        Usable to 250 MHz
        44 dB Dynamic Range
        ±2.0 dB Log Conformance
        37.5 mV/√dB Voltage Output
        Stable Slope and Intercepts
    2.0 nV/√Hz Input Noise Voltage
    50 μV Input Offset Voltage
    Low Power
        ±5 V Supply Operation
        9 mA (+VS), 35 mA (–VS) Quiescent Current
    Onboard Resistors
    Onboard 10x Attenuator
    Dual Polarity Current Outputs
    Direct Coupled Differential Signal Path
   
APPLICATIONS
    IF/RF Signal Processing
    Received Signal Strength Indicator (RSSI)
    High Speed Signal Compression
    High Speed Spectrum Analyzer
    ECM/Radar




Similar Part No. - AD641A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD641ANZ AD-AD641ANZ Datasheet
320Kb / 17P
250 MHz Demodulating Logarithmic Amplifier
AD641APZ AD-AD641APZ Datasheet
320Kb / 17P
250 MHz Demodulating Logarithmic Amplifier
More results


Similar Description - AD641A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD606 AD-AD606 Datasheet
448Kb / 12P
50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD8309 AD-AD8309 Datasheet
311Kb / 20P
5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV.B
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD606 AD-AD606_15 Datasheet
452Kb / 12P
50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
250 MHz Demodulating Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD641 AD-AD641_16 Datasheet
320Kb / 17P
250 MHz Demodulating Logarithmic Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com