Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD642J Datasheet (PDF) - Analog Devices

AD642J Datasheet PDF - Analog Devices
Part # AD642J
Download  AD642J Download
File Size   395.89 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Cost Dual BiFET Op Amp

AD642J Datasheet (PDF)

Go To PDF Page Download Datasheet
AD642J Datasheet PDF - Analog Devices

Part # AD642J
Download  AD642J Click to download

File Size   395.89 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Cost Dual BiFET Op Amp

AD642J Datasheet (HTML) - Analog Devices


AD642J Product details

PRODUCT DESCRIPTION

The AD642 is a pair of matched high speed monolithic BiFET operational amplifier fabricated with the most advanced bipolar, JFET and laser trimming technologies. The AD642 offers matched bias currents that are significantly lower than currently available monolithic dual FET input operational amplifiers: 35 pA max matched to 25 pA for the AD642K and L; 75 pA max, matched to 35 pA for the AD642J and S. In addition, the offset voltage is laser trimmed to less than 0.5 mV and matched to 0.25 mV for the AD642L, 1.0 mV and matched to 0.5 mV for the AD642K, utilizing Analog’s laser-wafer trimming (LWT) process.



FEATURES

Matched Offset Voltage

Matched Offset Voltage Over Temperature

Matched Bias Current

Crosstalk: –124 dB @ 1 kHz

Low Bias Current: 35 pA max Warmed Up

Low Offset Voltage: 500 mV max

Low Input Voltage Noise: 2 mV p-p

High Open Loop Gain

Low Quiescent Current: 2.8 mA max

Low Total Harmonic Distortion

Standard Dual Amplifier Pin Out

Available in Hermetic Metal Can Package and Chip Form

MIL-STD-883B Processing Available

Single Version Available: AD542




Similar Part No. - AD642J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6421AST AD-AD6421AST Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
AD6422AST AD-AD6422AST Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
AD6423 AD-AD6423 Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
AD6426 AD-AD6426 Datasheet
506Kb / 50P
Enhanced GSM Processor
AD6426XB AD-AD6426XB Datasheet
506Kb / 50P
Enhanced GSM Processor
More results


Similar Description - AD642J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711 AD-AD711 Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD711 AD-AD711_02 Datasheet
592Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_15 Datasheet
387Kb / 20P
Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com