Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD642J Datasheet(PDF) 2 Page - Analog Devices

Part # AD642J
Description  Precision, Low Cost Dual BiFET Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD642J Datasheet(HTML) 2 Page - Analog Devices

  AD642J Datasheet HTML 1Page - Analog Devices AD642J Datasheet HTML 2Page - Analog Devices AD642J Datasheet HTML 3Page - Analog Devices AD642J Datasheet HTML 4Page - Analog Devices AD642J Datasheet HTML 5Page - Analog Devices AD642J Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD642–SPECIFICATIONS
AD642J
AD642K
AD642L
AD642S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OPEN LOOP GAIN
V
O = ± 10 V, RL ≥ 2 kΩ
100,000
250,000
250,000
250,000
V/V
T
MIN to TMAX, RL = 2 kΩ
100,000
250,000
250,000
100,000
V/V
OUTPUT CHARACTERISTICS
Voltage @ R
L = 2 kΩ, TMIN to TMAX
±10
±12
±10
±12
±10
±12
±10
±12
V
Voltage @ R
L = 10 kΩ, TMIN to TMAX
±12
±13
±12
±13
±12
±13
±12
±13
V
Short Circuit Current
25
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain Small Signal
1.0
1.0
1.0
1.0
MHz
Full Power Response
50
50
50
50
kHz
Slew Rate, Unity Gain
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
V/
µs
INPUT OFFSET VOLTAGE
1
Initial Offset
2.0
1.0
0.5
1.0
mV
Input Offset Voltage T
MIN to TMAX
3.5
2.0
1.0
3.5
mV
Input Offset Voltage vs. Supply,
T
MIN to TMAX
200
100
100
100
µV/V
INPUT BIAS CURRENT
2
Either Input
10
75
10
35
10
35
10
35
pA
Offset Current
5
2
2
2
MATCHING CHARACTERISTICS
3
Input Offset Voltage
1.0
0.5
0.25
0.5
mV
Input Offset Voltage T
MIN to TMAX
3.5
2.0
1.0
3.5
mV
Input Bias Current
35
25
25
35
pA
Crosstalk
–124
–124
–124
–124
dB
INPUT IMPEDANCE
Differential
10
12 61012 61012 61012 6M
Ω pF
Common Mode
10
12 61012 61012 61012 6M
Ω pF
INPUT VOLTAGE RANGE
Differential
4
±20
±20
±20
±20
V
Common Mode
±10
±12
±10
±12
±10
±12
±10
±12
V
Common-Mode Rejection
76
80
80
80
dB
INPUT NOISE
Voltage 0.1 Hz to 10 Hz
2
2
2
2
µV p-p
f = 10 Hz
70
70
70
70
nV/
√Hz
f = 100 Hz
45
45
45
45
nV/
√Hz
f = 1 kHz
30
30
30
30
nV/
√Hz
f = 10 kHz
25
25
25
25
nV/
√Hz
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±15
±5
±15
±5
±15
V
Quiescent Current
2.8
2.8
2.8
2.8
mA
TRANSISTOR COUNT
58
58
58
58
PACKAGE OPTION
TO-99 Style (H-08B)
AD642JH
AD642KH
AD642LH
AD642SH
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed at maximum at either input after 5 minutes of operation at T
A = +25°C. For higher temperatures, the current doublers
every 10
°C.
3Matching is defined as ther difference between parameters of the two amplifiers.
4Defined as the maximum safe voltage between inputs, such that neither exceeds
± 10 V from ground.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
REV. 0
–2–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99
45
°
BSC
0.100
(2.54)
BSC
0.034 (0.86)
0.027 (0.69)
0.045 (1.14)
0.027 (0.69)
0.160 (4.06)
0.110 (2.79)
0.100
(2.54)
BSC
0.200
(5.08)
BSC
6
8
5
7
1
4
2
3
REFERENCE PLANE
BASE & SEATING PLANE
0.335 (8.51)
0.305 (7.75)
0.370 (9.40)
0.335 (8.51)
0.750 (19.05)
0.500 (12.70)
0.045 (1.14)
0.010 (0.25)
0.050
(1.27)
MAX
0.040 (1.02) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
0.016 (0.41)
0.185 (4.70)
0.165 (4.19)
0.250 (6.35)
MIN
(@ + 25
°C, and V
S = ±15 V dc)
METALIZATION PHOTOGRAPHIC
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com