Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7011 Datasheet (PDF) - Analog Devices

AD7011 Datasheet PDF - Analog Devices
Part # AD7011
Download  AD7011 Download
File Size   389.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, ADC p/4 DQPSK Baseband Transmit Port

AD7011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7011 Datasheet PDF - Analog Devices

Part # AD7011
Download  AD7011 Click to download

File Size   389.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, ADC p/4 DQPSK Baseband Transmit Port

AD7011 Datasheet (HTML) - Analog Devices


AD7011 Product details

GENERAL DESCRIPTION
The AD7011 is a complete low power, CMOS, π/4 DQPSK modulator with single +5 V power supply. The part is designed to perform the baseband conversion of I and Q transmit waveforms in accordance with the American Digital Cellular Telephone system (TIA IS-54).

FEATURES
   Single +5 V Supply
      On-Chip π/4 DQPSK Modulator
      Modulator Bypass Analog Mode
      Root-Raised Cosine Tx Filters, a = 0.35
      Two 10-Bit D/A Converters
      4th Order Reconstruction Filters
      Differential Analog Outputs
      On-Chip Ramp Up/Down Power Control
      On-Chip Tx Offset Calibration
      Dual Mode Operation, Analog and Digital
      Very Low Power Dissipation, 30 mW typical
   Power Down Mode < 10 μA
   On-Chip Voltage Reference
   24-Pin SSOP
  
APPLICATIONS
   American Digital Cellular Telephony
   American Analog Cellular Telephony




Similar Part No. - AD7011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7011 AD-AD7011_15 Datasheet
393Kb / 12P
CMOS, ADC 4 DQPSK Baseband Transmit Port
REV. B
More results


Similar Description - AD7011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7010 AD-AD7010 Datasheet
249Kb / 8P
CMOS JDC p/4 DQPSK Baseband Transmit Port
REV.B
AD7013 AD-AD7013 Datasheet
591Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV.A
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
CMOS PCM Transmit/receive Filters
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
logo
Analog Devices
AD7010 AD-AD7010_15 Datasheet
170Kb / 8P
CMOS JDC 4 DQPSK Baseband Transmit Port
REV. B
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV. A
AD7011 AD-AD7011_15 Datasheet
393Kb / 12P
CMOS, ADC 4 DQPSK Baseband Transmit Port
REV. B
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com