Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7013 Datasheet (PDF) - Analog Devices

AD7013 Datasheet PDF - Analog Devices
Part # AD7013
Download  AD7013 Download
File Size   591.35 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS TIA IS-54 Baseband Receive Port

AD7013 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7013 Datasheet PDF - Analog Devices

Part # AD7013
Download  AD7013 Click to download

File Size   591.35 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS TIA IS-54 Baseband Receive Port

AD7013 Datasheet (HTML) - Analog Devices


AD7013 Product details

GENERAL DESCRIPTION
The AD7013 is a complete low power, CMOS, TIA IS-54 baseband receive port with single +5 V power supply. The part is designed to perform the baseband conversion of I and Q waveforms in accordance with the American (TIA IS-54) Digital Cellular Telephone system.

FEATURES
    Single +5 V Supply
    Receive Channel
        Differential or Single-Ended Analog Inputs
        Auxiliary Set of Analog I & Q Inputs
        Two Sigma-Delta A/D Converters
        Choice of Two Digital FIR Filters
            Root-Raised-Cosine Rx Filters, α = 0.35
            Brick Wall FIR Rx Filters
        On-Chip or User Rx Offset Calibration
        ADC Sampling Vernier
    Three Auxiliary DACs
    On-Chip Voltage Reference
    Low Active Power Dissipation, Typical 45 mW
    Low Sleep Mode Power Dissipation, <50 µW
    28-Pin SSOP

APPLICATIONS
    American TIA Digital Cellular Telephony
    American Analog Cellular Telephony
    Digital Baseband Receivers




Similar Part No. - AD7013

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV. A
More results


Similar Description - AD7013

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA638 PHILIPS-SA638 Datasheet
48Kb / 5P
IS-54 IF receiver
1995 Feb 16
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
CMOS-CCD Baseband 1H Delay Line
logo
Analog Devices
AD7010 AD-AD7010 Datasheet
249Kb / 8P
CMOS JDC p/4 DQPSK Baseband Transmit Port
REV.B
AD7011 AD-AD7011 Datasheet
389Kb / 12P
CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV.B
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
CMOS PCM Transmit/receive Filters
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
4 Gbps CMOS TIA with AGC
logo
Analog Devices
AD7010 AD-AD7010_15 Datasheet
170Kb / 8P
CMOS JDC 4 DQPSK Baseband Transmit Port
REV. B
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV. A
AD7011 AD-AD7011_15 Datasheet
393Kb / 12P
CMOS, ADC 4 DQPSK Baseband Transmit Port
REV. B
logo
Skyworks Solutions Inc.
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com