Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD200 Datasheet (PDF) - Motorola, Inc

MJD200 Datasheet PDF - Motorola, Inc
Part # MJD200
Download  MJD200 Download
File Size   236.97 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS

MJD200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD200 Datasheet PDF - Motorola, Inc

Part # MJD200
Download  MJD200 Click to download

File Size   236.97 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS

MJD200 Datasheet (HTML) - Motorola, Inc


MJD200 Product details

SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS

MJD200 NPN
MJD210 PNP

NPN/PNP Silicon DPAK For Surface Mount Applications

. . . designed for low voltage, low–power, high–gain audio amplifier applications.


• Collector–Emitter Sustaining Voltage —VCEO(sus)= 25 Vdc (Min) @ IC= 10 mAdc
• High DC Current Gain — hFE= 70 (Min) @ IC= 500 mAdc
                                                              = 45 (Min) @ IC= 2 Adc
                                                              = 10 (Min) @ IC= 5 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
• Low Collector–Emitter Saturation Voltage —VCE(sat)= 0.3 Vdc (Max) @ IC= 500 mAdc
                                                                      = 0.75 Vdc (Max) @ IC= 2.0 Adc
• HighCurrent–Gain — Bandwidth Product — fT= 65 MHz (Min) @ IC= 100 mAdc
• Annular Construction for Low Leakage — ICBO= 100 nAdc @ Rated VCB




Similar Part No. - MJD200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD200 ONSEMI-MJD200 Datasheet
236Kb / 6P
Complementary Plastic Power Transistors
1995 REV 1
logo
Fairchild Semiconductor
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD200 ONSEMI-MJD200 Datasheet
87Kb / 6P
Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD200 ONSEMI-MJD200 Datasheet
138Kb / 6P
Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
MJD200 ONSEMI-MJD200 Datasheet
152Kb / 7P
Complementary Plastic Power Transistors
September, 2013 ??Rev. 13
More results


Similar Description - MJD200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJD243 MOTOROLA-MJD243 Datasheet
209Kb / 6P
NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE18004D2 MOTOROLA-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS 5 AMPERES 1000 VOLTS 75 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
logo
List of Unclassifed Man...
S25-50 ETC-S25-50 Datasheet
150Kb / 3P
25 WATTS - 12.5 VOLTS 1.5-30 MHZ
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com