Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD243 Datasheet (PDF) - Motorola, Inc

MJD243 Datasheet PDF - Motorola, Inc
Part # MJD243
Download  MJD243 Download
File Size   209.75 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS

MJD243 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD243 Datasheet PDF - Motorola, Inc

Part # MJD243
Download  MJD243 Click to download

File Size   209.75 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS

MJD243 Datasheet (HTML) - Motorola, Inc


MJD243 Product details

. . . designed for low voltage, low–power, high–gain audio amplifier applications.

• Collector–Emitter Sustaining Voltage — VCEO(sus) = 100 Vdc (Min) @ IC = 10 mAdc
• High DC Current Gain — hFE = 40 (Min) @ IC = 200 mAdc    
                                                   = 15 (Min) @ IC = 1.0 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
• Low Collector–Emitter Saturation Voltage — VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc
                                                                                         = 0.6 Vdc (Max) @ IC = 1.0 Adc
• High Current–Gain — Bandwidth Product — fT = 40 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakage — ICBO = 100 nAdc @ Rated VCB




Similar Part No. - MJD243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD243 ONSEMI-MJD243 Datasheet
124Kb / 8P
Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
MJD243 ONSEMI-MJD243 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD243 ONSEMI-MJD243 Datasheet
149Kb / 8P
Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
More results


Similar Description - MJD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUT33 MOTOROLA-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJD200 MOTOROLA-MJD200 Datasheet
236Kb / 6P
SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com