Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7111 Datasheet (PDF) - Analog Devices

AD7111 Datasheet PDF - Analog Devices
Part # AD7111
Download  AD7111 Download
File Size   175.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS LOGDAC Logarithmic D/A Converter

AD7111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7111 Datasheet PDF - Analog Devices

Part # AD7111
Download  AD7111 Click to download

File Size   175.48 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS LOGDAC Logarithmic D/A Converter

AD7111 Datasheet (HTML) - Analog Devices


AD7111 Product details

GENERAL DESCRIPTION
The LOGDAC AD7111/AD7111A are monolithic multiplying D/A converters featuring wide dynamic range in a small package. Both DACs can attenuate an analog input signal over the range 0 dB to 88.5 dB in 0.375 dB steps. They are available in 16-pin DIPs and SOIC packages. The AD7111 is also available in a 20-terminal LCCC package.
   
FEATURES
    Dynamic Range: 88.5 dB
    Resolution: 0.375 dB
    On-Chip Data Latches
    +5 V Operation
    AD7111A Pin Compatible with AD7524
    Low Power
   
APPLICATIONS
    Audio Attenuators
    Sonar Systems
    Function Generators
    Digitally Controlled AGC System
   




Similar Part No. - AD7111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111ABN AD-AD7111ABN Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111ABR AD-AD7111ABR Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111ACN AD-AD7111ACN Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111ACR AD-AD7111ACR Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Similar Description - AD7111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7112 AD-AD7112 Datasheet
230Kb / 12P
LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV.0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
LOGDAC CMOS Logarithmic D/A Converter
REV.A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
LC2MOS 16-Bit A/D Converter
REV.D
AD7703 AD-AD7703 Datasheet
251Kb / 16P
LC2MOS 20-Bit A/D Converter
REV.D
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
LC2MOS 16-Bit A/D Converter
23-Feb-2017
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
LC2MOS Quad 8-Bit D/A Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com