Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7118 Datasheet (PDF) - Analog Devices

AD7118 Datasheet PDF - Analog Devices
Part # AD7118
Download  AD7118 Download
File Size   197.07 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LOGDAC CMOS Logarithmic D/A Converter

AD7118 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7118 Datasheet PDF - Analog Devices

Part # AD7118
Download  AD7118 Click to download

File Size   197.07 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LOGDAC CMOS Logarithmic D/A Converter

AD7118 Datasheet (HTML) - Analog Devices


AD7118 Product details

GENERAL DESCRIPTION
The LOGDAC® AD7118 is a CMOS multiplying D/A converter which attenuates an analog input signal over the range 0 to –85.5 dB in 1.5 dB steps. The analog output is determined by a six-bit attenuation code applied to the digital inputs. Operating frequency range of the device is from dc to several hundred kHz.

FEATURES
    Dynamic Range 85.5 dB
    Resolution 1.5 dB
    Full ±25 V Input Range Multiplying DAC
    Full Military Temperature Range –558°C to +1258°C
    Low Distortion
    Low Power Consumption
    Latch Proof Operation (Schottky Diodes Not Required)
    Single 5 V to 15 V Supply

APPLICATIONS
    Digitally Controlled AGC Systems
    Audio Attenuators
    Wide Dynamic Range A/D Converters
    Sonar Systems
    Function Generators




Similar Part No. - AD7118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
CMOS Logarithmic D/A Converter
REV. A
More results


Similar Description - AD7118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV.0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV.0
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
Dual Logarithmic Converter
REV. A
AD876 AD-AD876_17 Datasheet
370Kb / 17P
CMOS A/D Converter
Rev. B
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
CMOS A/D Converter
REV. E
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
CMOS A/D Converter
REV. E
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
Dual Logarithmic Converter
4/2018-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com