Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74322 Datasheet (PDF) - Analog Devices

AD74322 Datasheet PDF - Analog Devices
Part # AD74322
Download  AD74322 Download
File Size   123.22 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Stereo Audio Analog Front End

AD74322 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD74322 Datasheet PDF - Analog Devices

Part # AD74322
Download  AD74322 Click to download

File Size   123.22 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Stereo Audio Analog Front End

AD74322 Datasheet (HTML) - Analog Devices


AD74322 Product details

GENERAL DESCRIPTION
The AD74322 is a front-end processor for general purpose audio and voice applications. It features two multi-bit Σ∆ A/D conversion channels and two multi-bit Σ∆ D/A conversion channels. Each ADC channel provides >85 dB signal-to-noise ratio while each DAC channel provides >90 dB, both over an audio signal bandwidth.


FEATURES
   2.5V Stereo Audio Codec with 3.3 V Tolerant Digital Interface
   Supports 96 kHz Sample Rates
   Supports 16/18 /20/24-Bit Word Lengths
   Multibit Sigma Delta Modulators with
     “Perfect Differential Linearity Restoration” for Reduced Idle Tones and Noise Floor
   Data Directed Scrambling DACs - Least Sensitive to Jitter
   Performance (20 Hz to 20 kHz)
      90 dB ADC and DAC SNR
   Digitally Programmable Input/Output Gain
   On-chip Volume Controls Per Output Channel
   Hardware and Software Controllable Clickless Mute
   Supports 256xFs, 512xFs and 768xFs Master Mode Clocks
   Master Clock Pre-Scaler for use with DSP master clocks
   Flexible Serial Data Port with Right-Justified, Left
   Justified, I2S-Compatible and DSP Serial Port Modes
   Supports Packed Data Mode (“TDM”) for cascading devices.
   On-Chip Reference
   16, 20 and 24-Lead SOIC, SSOP and TSSOP Package options.

APPLICATIONS
   Digital Video Camcorders (DVC)
   Portable Audio Devices (Walkman etc)
   Audio Processing
   Voice Processing
   Conference Phones
   General Purpose Analog I/O




Similar Part No. - AD74322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
Ultralow Noise BiFET Op Amp
REV.C
AD743 AD-AD743 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
More results


Similar Description - AD74322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311 AD-AD73311 Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311L AD-AD73311L Datasheet
382Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com