Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD743 Datasheet (PDF) - Analog Devices

AD743 Datasheet PDF - Analog Devices
Part # AD743
Download  AD743 Download
File Size   230.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise BiFET Op Amp

AD743 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD743 Datasheet PDF - Analog Devices

Part # AD743
Download  AD743 Click to download

File Size   230.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise BiFET Op Amp

AD743 Datasheet (HTML) - Analog Devices


AD743 Product details

PRODUCT DESCRIPTION
The AD743 is an ultralow noise precision, FET input, monolithic operational amplifier. It offers a combination of the ultralow voltage noise generally associated with bipolar input op amps and the very low input current of a FET-input device. Furthermore, the AD743 does not exhibit an output phase reversal when the negative common-mode voltage limit is exceeded.
The AD743’s guaranteed, maximum input voltage noise of 4.0 nV/√Hz at 10 kHz is unsurpassed for a FET-input monolithic op amp, as is the maximum 1.0 µV p-p, 0.1 Hz to 10 Hz noise. The AD743 also has excellent dc performance with 250 pA maximum input bias current and 0.5 mV maximum offset voltage.
The AD743 is specifically designed for use as a preamp in capacitive sensors, such as ceramic hydrophones. It is available in five performance grades. The AD743J and AD743K are rated over the commercial temperature range of 0°C to +70°C. The AD743A and AD743B are rated over the industrial temperature range of –40°C to +85°C. The AD743S is rated over the military temperature range of –55°C to +125°C and is available processed to MIL-STD-883B, Rev. C.
The AD743 is available in 8-pin plastic mini-DIP, 8-pin cerdip, 16-pin SOIC, or in chip form.

FEATURES
   ULTRALOW NOISE PERFORMANCE
      2.9 nV/√Hz at 10 kHz
      0.38 mV p-p, 0.1 Hz to 10 Hz
      6.9 fA/√Hz Current Noise at 1 kHz
  
   EXCELLENT DC PERFORMANCE
      0.5 mV max Offset Voltage
      250 pA max Input Bias Current
      1000 V/mV min Open-Loop Gain
  
   AC PERFORMANCE
      2.8 V/ms Slew Rate
      4.5 MHz Unity-Gain Bandwidth
      THD = 0.0003% @ 1 kHz
      Available in Tape and Reel in Accordance with
         EIA-481A Standard
  
APPLICATIONS
   Sonar Preamplifiers
   High Dynamic Range Filters (>140 dB)
   Photodiode and IR Detector Amplifiers
   Accelerometers




Similar Part No. - AD743

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
Ultralow Noise BiFET Op Amp
REV.C
AD743 AD-AD743 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD74322 AD-AD74322 Datasheet
123Kb / 20P
Low Cost, Low Power Stereo Audio Analog Front End
More results


Similar Description - AD743

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
Ultralow Noise BiFET Op Amp
REV.C
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743JR AD-AD743JR Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745JRZ-16 AD-AD745JRZ-16 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com