Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD746JR Datasheet (PDF) - Analog Devices

AD746JR Datasheet PDF - Analog Devices
Part # AD746JR
Download  AD746JR Download
File Size   428.66 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, 500 ns Settling, BiFET Op Amp

AD746JR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD746JR Datasheet PDF - Analog Devices

Part # AD746JR
Download  AD746JR Click to download

File Size   428.66 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, 500 ns Settling, BiFET Op Amp

AD746JR Datasheet (HTML) - Analog Devices


AD746JR Product details

PRODUCT DESCRIPTION
The AD746 is a dual operational amplifier, consisting of two AD744 BiFET op amps on a single chip. These precision monolithic op amps offer excellent dc characteristics plus rapid settling times, high slew rates and ample bandwidths. In addition, the AD746 provides the close matching ac and dc characteristics inherent to amplifiers sharing the same monolithic die.
The single pole response of the AD746 provides fast settling: 500 ns to 0.01%. This feature, combined with its high dc precision, makes it suitable for use as a buffer amplifier for 12- or 14-bit DACs and ADCs. Furthermore, the AD746’s low total harmonic distortion (THD) level of 0.0001% and very close matching ac characteristics make it an ideal amplifier for many demanding audio applications.

FEATURES
AC PERFORMANCE
   500 ns Settling to 0.01% for 10 V Step
   75 V/ms Slew Rate
   0.0001% Total Harmonic Distortion (THD)
   13 MHz Gain Bandwidth
   Internal Compensation for Gains of +2 or Greater

DC PERFORMANCE
   0.5 mV max Offset Voltage (AD746B)
   10 mV/8C max Drift (AD746B)
   175 V/mV min Open Loop Gain (AD746B)
   2 mV p-p Noise, 0.1 Hz to 10 Hz
   Available in Plastic Mini-DIP, Cerdip and Surface
      Mount Packages
   Available in Tape and Reel in Accordance with
      EIA-481A Standard
   MIL-STD-883B Processing also Available
   Single Version: AD744

APPLICATIONS
   Dual Output Buffers for 12- and 14-Bit DACs
   Input Buffers for Precision ADCs, Wideband
      Preamplifiers and Low Distortion Audio Circuitry




Similar Part No. - AD746JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
More results


Similar Description - AD746JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD744 AD-AD744 Datasheet
470Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV.C
AD744JRZ AD-AD744JRZ Datasheet
471Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744AR AD-AD744AR Datasheet
459Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD746AN AD-AD746AN Datasheet
396Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD744 AD-AD744_15 Datasheet
471Kb / 12P
Precision, 500 ns Settling BiFET Op Amp
REV. C
AD746 AD-AD746_15 Datasheet
431Kb / 8P
Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD744 AD-AD744_V01 Datasheet
562Kb / 15P
Precision, 500 ns Settling BiFET Op Amp
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com