Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7575 Datasheet (PDF) - Analog Devices

AD7575 Datasheet PDF - Analog Devices
Part # AD7575
Download  AD7575 Download
File Size   146.44 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 5 us 8-Bit ADC with Track/Hold

AD7575 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7575 Datasheet PDF - Analog Devices

Part # AD7575
Download  AD7575 Click to download

File Size   146.44 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 5 us 8-Bit ADC with Track/Hold

AD7575 Datasheet (HTML) - Analog Devices


AD7575 Product details

GENERAL DESCRIPTION
The AD7575 is a high speed 8-bit ADC with a built-in track/hold function. The successive approximation conversion technique is used to achieve a fast conversion time of 5 µs, while the built-in track/hold allows full-scale signals up to 50 kHz (386 mV/µs slew rate) to be digitized. The AD7575 requires only a single +5 V supply and a low cost, 1.23 V bandgap reference in order to convert an input signal range of 0 to 2 VREF.
   
FEATURES
    Fast Conversion Time: 5 μs
    On-Chip Track/Hold
    Low Total Unadjusted Error: 1 LSB
    Full Power Signal Bandwidth: 50 kHz
    Single +5 V Supply
    100 ns Data Access Time
    Low Power (15 mW typ)
    Low Cost
    Standard 18-Lead DlPs or 20-Terminal
        Surface Mount Packages
   




Similar Part No. - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575 AD-AD7575 Datasheet
137Kb / 12P
LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
137Kb / 12P
LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
181Kb / 13P
8-Bit ADC with Track/Hold
23-Feb-2017
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results


Similar Description - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7820 AD-AD7820 Datasheet
609Kb / 12P
LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
AD7821 AD-AD7821 Datasheet
249Kb / 12P
LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV.A
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
5 s 8-Bit ADC with Track/Hold
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
8-Bit ADC with Track/Hold
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com