Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX100 Datasheet (PDF) - Maxim Integrated Products

MAX100 Datasheet PDF - Maxim Integrated Products
Part # MAX100
Download  MAX100 Download
File Size   123.82 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250Msps, 8-Bit ADC with Track/Hold

MAX100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX100 Datasheet PDF - Maxim Integrated Products

Part # MAX100
Download  MAX100 Click to download

File Size   123.82 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 250Msps, 8-Bit ADC with Track/Hold

MAX100 Datasheet (HTML) - Maxim Integrated Products


MAX100 Product details

General Description
The MAX100 ECL-compatible, 250Msps, 8-bit analog-todigital converter (ADC) allows accurate digitizing of analog signals from DC to 125MHz (Nyquist frequency). Designed with Maxim’s proprietary advanced bipolar processes, the MAX100 contains a high-performance track/hold (T/H) amplifier and a quantizer in a single ceramic strip-line package.

Features
♦ 250Msps Conversion Rate
♦ 6.8 Effective Bits at 125MHz
♦ Less than ±1/2LSB INL
♦ 50Ω Differential or Single-Ended Inputs
♦ ±270mV Input Signal Range
♦ Reference Sense Inputs
♦ Ratiometric Reference Inputs
♦ Configurable Dual-Output Data Paths
♦ Latched, ECL-Compatible Outputs
♦ Low Error Rate, Less than 10-15 Metastable States
♦ Selectable On-Chip 8:16 Demultiplexer
♦ 84-Pin Ceramic Flat Pack

Applications
    High-Speed Digital Instrumentation
    High-Speed Signal Processing
    Medical Systems
    Radar/Sonar
    High-Energy Physics
    Communications




Similar Part No. - MAX100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
244Kb / 12P
Dual Differential-Output Data Paths
Rev 0; 11/94
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1002 MAXIM-MAX1002 Datasheet
93Kb / 8P
User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1002CAX MAXIM-MAX1002CAX Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1002EVKIT MAXIM-MAX1002EVKIT Datasheet
93Kb / 8P
User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
More results


Similar Description - MAX100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575 AD-AD7575 Datasheet
146Kb / 12P
LC2MOS 5 us 8-Bit ADC with Track/Hold
REV.B
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MX7821 MAXIM-MX7821 Datasheet
236Kb / 8P
660ns 關P-Compatible, 8-Bit ADC with Track/Hold
19-4330; Rev 1; 7/95
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
5 s 8-Bit ADC with Track/Hold
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
8-Bit ADC with Track/Hold
23-Feb-2017
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
8-Bit ADC with Track/Hold Function
23-Feb-2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com