Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9555APW Datasheet (PDF) - NXP Semiconductors

PCA9555APW Datasheet PDF - NXP Semiconductors
Part # PCA9555APW
Download  PCA9555APW Download
File Size   2457.81 Kbytes
Page   39 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up

PCA9555APW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9555APW Datasheet PDF - NXP Semiconductors

Part # PCA9555APW
Download  PCA9555APW Click to download

File Size   2457.81 Kbytes
Page   39 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up

PCA9555APW Datasheet (HTML) - NXP Semiconductors


PCA9555APW Product details

General description

The PCA9555A is a low-voltage 16-bit General Purpose Input/Output (GPIO) expander with interrupt and weak pull-up resistors for I2C-bus/SMBus applications. NXP I/O expanders provide a simple solution when additional I/Os are needed while keeping interconnections to a minimum, for example, in ACPI power switches, sensors, push buttons, LEDs, fan control, etc.

In addition to providing a flexible set of GPIOs, the wide VDD range of 1.65 V to 5.5 V allows the PCA9555A to interface with next-generation microprocessors and microcontrollers where supply levels are dropping down to conserve power.

The PCA9555A contains the PCA9555 register set of four pairs of 8-bit Configuration, Input, Output, and Polarity Inversion registers.



Features and benefits

■ I2C-bus to parallel port expander

■ Operating power supply voltage range of 1.65 V to 5.5 V

■ Low standby current consumption:

   ♦ 1.5 A (typical at 5 V VDD)

   ♦ 1.0 A (typical at 3.3 V VDD)

■ Schmitt-trigger action allows slow input transition and better switching noise immunity at the SCL and SDA inputs

   ♦ Vhys = 0.10  VDD (typical)

■ 5 V tolerant I/Os

■ Open-drain active LOW interrupt output (INT)

■ 400 kHz Fast-mode I2C-bus

■ Internal power-on reset

■ Power-up with all channels configured as inputs with weak pull-up resistors

■ No glitch on power-up

■ Latched outputs with 25 mA drive maximum capability for directly driving LEDs

■ Latch-up performance exceeds 100 mA per JESD78, Class II

■ ESD protection exceeds JESD22

■ 2000 V Human Body Model (A114-A)

■ 1000 V Charged-Device Model (C101)

■ Packages offered: TSSOP24, HWQFN24



 




Similar Part No. - PCA9555APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555A NXP-PCA9555A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9555APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9535A NXP-PCA9535A Datasheet
2Mb / 38P
Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9554B NXP-PCA9554B Datasheet
2Mb / 36P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
Rev. 1-19 September 2012
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9554B NXP-PCAL9554B Datasheet
2Mb / 42P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com