Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD760 Datasheet (PDF) - Analog Devices

AD760 Datasheet PDF - Analog Devices
Part # AD760
Download  AD760 Download
File Size   324.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16/18-Bit Self-Calibrating Serial/Byte DACPORT

AD760 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD760 Datasheet PDF - Analog Devices

Part # AD760
Download  AD760 Click to download

File Size   324.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16/18-Bit Self-Calibrating Serial/Byte DACPORT

AD760 Datasheet (HTML) - Analog Devices


AD760 Product details

PRODUCT DESCRIPTION
The AD760 is a complete 16/18-bit self-calibrating monolithic DAC (DACPORT®) with onboard voltage reference, double buffered latches and output amplifier. It is manufactured on Analog Devices’ BiMOS II process. This process allows the fabrication of low power CMOS logic functions on the same chip as high precision bipolar linear circuitry.

FEATURES
    ±0.2 LSB (±0.00031%) Typ Peak DNL and INL
    ±0.5 LSB (±0.00076%) Typ Unipolar Offset, Bipolar Zero
    17-Bit Monotonicity Guaranteed
    18-Bit Resolution (in Serial Mode)
    Complete 16/18-Bit D/A Function
        On-Chip Output Amplifier
        On-Chip Buried Zener Voltage Reference
    Microprocessor Compatible
        Serial or Byte Input
        Double Buffered Latches
    Asynchronous Clear Function
    Serial Output Pin Facilitates Daisy Chaining
    Pin Strappable Unipolar or Bipolar Output
    Low THD+N: 0.005%
    MUX Output Control on Power-Up and Supply Glitches




Similar Part No. - AD760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7605-4BSTZ AD-AD7605-4BSTZ Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7605-4BSTZ-RL AD-AD7605-4BSTZ-RL Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results


Similar Description - AD760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
Monolithic 16-Bit Serial/Byte DACPORT
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Analog Devices
AD660 AD-AD660_08 Datasheet
337Kb / 20P
Monolithic 16-Bit Serial/Byte DACPORT
REV. B
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD760 AD-AD760_15 Datasheet
327Kb / 12P
16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD660 AD-AD660_17 Datasheet
351Kb / 21P
Monolithic 16-Bit Serial/Byte DACPORT
6/08-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com