Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD760 Datasheet(PDF) 4 Page - Analog Devices

Part # AD760
Description  16/18-Bit Self-Calibrating Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD760 Datasheet(HTML) 4 Page - Analog Devices

  AD760 Datasheet HTML 1Page - Analog Devices AD760 Datasheet HTML 2Page - Analog Devices AD760 Datasheet HTML 3Page - Analog Devices AD760 Datasheet HTML 4Page - Analog Devices AD760 Datasheet HTML 5Page - Analog Devices AD760 Datasheet HTML 6Page - Analog Devices AD760 Datasheet HTML 7Page - Analog Devices AD760 Datasheet HTML 8Page - Analog Devices AD760 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
AD760
REV. A
(VCC = +15 V, VEE = –15 V, VLL = +5 V, VIH = 2.4 V, VIL = 0.4 V)
TIMING CHARACTERISTICS
Limit
Parameter
+25°C
TMIN to TMAX
Units
(Figure 1a)
tCS
50
60
ns min
tDS
50
60
ns min
tDH
0
10
ns min
tBES
50
60
ns min
tBEH
0
10
ns min
tLH
200
350
ns min
tLW
50
50
ns min
(Figure 1b)
tCLK
80
100
ns min
tLO
40
50
ns min
tHI
40
50
ns min
tDS
50
60
ns min
tDH
0
10
ns min
tLH
200
350
ns min
tLW
50
50
ns min
tPROP
70
100
ns max
Limit
Parameter
+25°C
TMIN to TMAX
Units
(Figure 1c)
tCLR
100
120
ns min
tSET
100
120
ns min
tHOLD
0
0
ns min
(Figure 1d)
tCAL
50
50
ns min
tBUSY
200
200
ms max
tCD
170
220
ns max
tCS
150
190
ns max
tCV
150
190
ns max
Specifications subject to change without notice.
DB0–7
tDS
tDH
tBES
tCS
tBEH
tLH
tLW
HBE OR
LBE
CS
LDAC
Figure 1a. AD760 Byte Load Timing
SIN
LDAC
VALID 1
VALID 16/18
tDS
tLO
tHI
SOUT
VALID 1
CS
tDH
tLH
tLW
tPROP
tCLK
Figure 1b. AD760 Serial Load Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com