Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4444L Datasheet (PDF) - Alpha & Omega Semiconductors

AO4444L Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4444L
Download  AO4444L Download
File Size   284.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel MOSFET

AO4444L Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4444L Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4444L
Download  AO4444L Click to download

File Size   284.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel MOSFET

AO4444L Datasheet (HTML) - Alpha & Omega Semiconductors


AO4444L Product details

General Description
The AO4444 uses advanced trench technology to provide excellent RDS(ON), body diode characteristics and ultra-low gate resistance. This device is ideally suited for use as a low side switch in 12V buck converters. Standard Product AO4444 is Pb-free (meets ROHS & Sony 259 specifications). AO4444L is a Green Product ordering option. AO4444 and AO4444L are electrically identical.

Features
   VDS (V) = 30V
   ID = 20A (VGS = 10V)
   RDS(ON) < 5.5mΩ (VGS = 10V)
   RDS(ON) < 7.5mΩ (VGS = 4.5V)




Similar Part No. - AO4444L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4444L AOSMD-AO4444L Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results


Similar Description - AO4444L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com