Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4447A Datasheet (PDF) - Alpha & Omega Semiconductors

AO4447A Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4447A
Download  AO4447A Download
File Size   194.7 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V P-Channel MOSFET

AO4447A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4447A Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4447A
Download  AO4447A Click to download

File Size   194.7 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V P-Channel MOSFET

AO4447A Datasheet (HTML) - Alpha & Omega Semiconductors


AO4447A Product details

General Description
The AO4447A uses advanced trench technology to provide excellent RDS(ON) with low gate charge.This device is ideal for load switch and battery protection applications.

Product Summary
    VDS (V) = -30V
    ID = -17A (VGS = -10V)
    RDS(ON) < 7mΩ (VGS = -10V)
    RDS(ON) < 8mΩ (VGS = -4.5V)
    RDS(ON) < 9mΩ (VGS = -4V)
   
    ESD Protected
    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4447A

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4447A WHXPCB-AO4447A Datasheet
2Mb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4447A KEXIN-AO4447A Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4447A VBSEMI-AO4447A Datasheet
992Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
383Kb / 5P
30V P-Channel MOSFET
Rev.5.0: October 2017
logo
Guangdong Youtai Semico...
AO4447A UMW-AO4447A Datasheet
938Kb / 7P
-30V P-Channel MOSFET
More results


Similar Description - AO4447A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com