Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4447A Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4447A Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4447A
Download  AO4447A Download
File Size   2185.89 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4447A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4447A Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4447A
Download  AO4447A Click to download

File Size   2185.89 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4447A Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4447A Product details

General Description
• The AO4447A uses advanced trench technology to provide excellent RDS(ON) with low gate charge.This device is ideal for load switch and battery protection applications.
• RoHS and Halogen-Free Compliant
   
Product Summary
    VDS                                        -30V
    ID (at VGS = -10V)                 -17A
    RDS(ON) (at VGS = -10V)  < 7mΩ
    RDS(ON) (at VGS = -4.5V) < 8mΩ
    RDS(ON) (at VGS = -4V)    < 9mΩ

    ESD Protected
    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4447A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4447A KEXIN-AO4447A Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4447A VBSEMI-AO4447A Datasheet
992Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
383Kb / 5P
30V P-Channel MOSFET
Rev.5.0: October 2017
logo
Guangdong Youtai Semico...
AO4447A UMW-AO4447A Datasheet
938Kb / 7P
-30V P-Channel MOSFET
More results


Similar Description - AO4447A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com