Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7710AR Datasheet (PDF) - Analog Devices

AD7710AR Datasheet PDF - Analog Devices
Part # AD7710AR
Download  AD7710AR Download
File Size   220.3 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Signal Conditioning ADC

AD7710AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7710AR Datasheet PDF - Analog Devices

Part # AD7710AR
Download  AD7710AR Click to download

File Size   220.3 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Signal Conditioning ADC

AD7710AR Datasheet (HTML) - Analog Devices


AD7710AR Product details

GENERAL DESCRIPTION

The AD7710 is a complete analog front end for low frequency measurement applications. The device accepts low level signals directly from a strain gage or transducer and outputs a serial digital word. It employs a sigma-delta conversion technique to realize up to 24 bits of no missing codes performance. The input signal is applied to a proprietary programmable gain front end

based around an analog modulator. The modulator output is processed by an on-chip digital filter. The first notch of this digital filter can be programmed via the on-chip control register,

allowing adjustment of the filter cutoff and settling time.



FEATURES

Charge Balancing ADC

   24 Bits, No Missing Codes

   ±0.0015% Nonlinearity

2-Channel Programmable Gain Front End

   Gains from 1 to 128

   Differential Inputs

Low-Pass Filter with Programmable Filter Cutoffs

Ability to Read/Write Calibration Coefficients

Bidirectional Microcontroller Serial Interface

Internal/External Reference Option

Single- or Dual-Supply Operation

Low Power (25 mW Typ) with Power-Down Mode

   (7 mW Typ)



APPLICATIONS

Weigh Scales

Thermocouples

Process Control

Smart Transmitters

Chromatography




Similar Part No. - AD7710AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710AR AD-AD7710AR Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710AR-REEL AD-AD7710AR-REEL Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710ARZ AD-AD7710ARZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710ARZ-REEL AD-AD7710ARZ-REEL Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
More results


Similar Description - AD7710AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
229Kb / 28P
LC2MOS Signal Conditioning ADC
REV.E
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
Signal Conditioning ADC
REV. C
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com